Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS2KA Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HS2KA
Description  1.5 AMPS High Efficient Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS2KA Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HS2KA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS2KA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
creat by ART
UL Recognized File # E-326243
Glass passivated junction chip.
For surface mounted application
Low forward voltage drop
Low profile package
Fast switching for high efficiency
HS2XA = Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
HS
2AA
HS
2BA
HS
2DA
HS
2FA
HS
2GA
HS
2JA
HS
2KA
HS
2MA
Unit
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
IF(AV)
A
Trr
nS
Cj
pF
RθjA
OC/W
TJ
OC
TSTG
OC
Dimensions in inches and (millimeters)
Case: Molded plastic
Built-in stain relief, ideal for automatic
placement
Green compound with suffix "G" on packing
code & prefix "G" on datecode
High temperature soldering:
260℃/10 seconds at terminals
Terminal: Pure tin plated, lead free
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Plastic material used carries Underwriters
Laboratory Classification 94V-0
IFSM
Packing: 12mm tape per EIA STD RS-481
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 1.5A
VF
V
1.0
1.3
1.7
75
50
30
50
Maximum Reverse Recovery Time (Note 2)
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=125 ℃
IR
50
5
Note 4: PCB Mount on 5mm x 5mm Copper Pad Area
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
100
- 55 to + 150
Typical Junction Capacitance (Note 3)
Mechanical Data
uA
Version:D11
HS2AA - HS2MA
1.5 AMPS High Efficient Surface Mount Rectifiers
Marking Diagram
SMA/DO-214AC
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
80
1.5
Features
Weight: 0.064 grams
Typical Thermal Resistance (Note 4)
Type Number
Maximum Average Forward Rectified Current
Polarity: Indicated by cathode band
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - HS2KA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS2KA TSC-HS2KA Datasheet
53Kb / 2P
1.5 AMPS. High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HS2KA YANGJIE-HS2KA Datasheet
145Kb / 2P
High Efficient Rectifier
logo
Shenzhen Taychipst Elec...
HS2KA TAYCHIPST-HS2KA Datasheet
5Mb / 2P
High Efficient Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
HS2KA TSC-HS2KA Datasheet
376Kb / 4P
High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HS2KA YANGJIE-HS2KA Datasheet
161Kb / 2P
HS2AA_17
More results

Similar Description - HS2KA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS2AA TSC-HS2AA Datasheet
53Kb / 2P
1.5 AMPS. High Efficient Surface Mount Rectifiers
HER151 TSC-HER151 Datasheet
267Kb / 2P
1.5 AMPS. High Efficient Rectifiers
HER151 TSC-HER151_1 Datasheet
69Kb / 2P
1.5 AMPS. High Efficient Rectifiers
HS2A TSC-HS2A_1 Datasheet
267Kb / 2P
2.0 AMPS. High Efficient Surface Mount Rectifiers
HS3AB TSC-HS3AB Datasheet
249Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HER151 YANGJIE-HER151 Datasheet
57Kb / 2P
1.5 AMPS. HIGH EFFICIENT RECTIFIERS
logo
Daya Electric Group Co....
HER151 DAYA-HER151 Datasheet
288Kb / 2P
1.5 AMPS. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151_10 Datasheet
555Kb / 2P
1.5 AMPS. High Efficient Rectifiers
HS3A TSC-HS3A_10 Datasheet
434Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
BYG20D TSC-BYG20D Datasheet
439Kb / 4P
1.5 AMPS High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com