Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1045 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBR1045
Description  10.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR1045 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBR1045 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR1045 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:H11
RATINGS AND CHARACTERISTIC CURVES (MBR1035 THRU MBR10200)
FIG.1- FORWARD CURRENT DERATING CURVE
0
2
4
6
8
10
12
0
50
100
150
CASE TEMPERATURE (
oC)
RESISTIVE OR
INDUCTIVELOAD
MBR1035-MBR1045
MBR1050-MBR10200
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
25
50
75
100
125
150
175
0
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=75℃
TA=125℃
TA=25℃
MBR1035-MBR1060
MBR1090-MBR10200
FIG. 5- TYPICAL JUNCTION CAPACITANCE
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
TA=25℃
f=1.0MHz
Vsig=50mVp-p
FIG. 3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISRICS
0.01
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
FORWARD VOLTAGE (V)
TA=125℃
Pulse Width=300uS
1% Duty Cycle
TA=25℃
MBR1035-MBR1045
MBR1050-MBR1060
MBR1090-MBR10100
MBR10150-MBR10200
FIG. 6- TYPICAL TRANSIENT THERMAL
CHARACTERISTIC
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION. (sec)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com