Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1635 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF1635
Description  16.0 AMPS. Isolated Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF1635 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF1635 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF1635 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326243
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for overvoltage protection
Mechanical Data
MBRF16XX
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
MBRF
1635
MBRF
1645
MBRF
1650
MBRF
1660
MBRF
1690
MBRF
16100
MBRF
16150
Unit
VRRM
35
45
50
60
90
100
150
V
VRMS
24
31
35
42
63
70
105
V
VDC
35
45
50
60
90
100
150
V
IRRM
A
0.95
0.92
0.1
5
dV/dt
V/us
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
10000
7.5
500
mA
0.5
0.3
A
0.75
0.65
0.75
0.85
3
Typical Junction Capacitance
A
IFSM
Maximum Instantaneous Forward Voltage (Note 2)
IF=16A, TA=25℃
IF=16A, TA=125℃
VF
Voltage Rate of Change (Rated V R)
V
150
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Weight: 1.7 grams
Typical Thermal Resistance
Type Number
1
A
Green compound with suffix "G" on packing
code & prefix "G" on datecode
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
Maximum Reverse Current @ Rated VR T A=25 ℃
T A=125 ℃
Polarity: As marked
Mounting torque: 5 in. - lbs, max
Mounting position:Any
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Peak Repetitive Reverse Surge Current (Note 1)
MBRF1635 - MBRF16150
Marking Diagram
ITO-220AC
16.0 AMPS. Isolated Schottky Barrier Rectifiers
Dimensions in inches and (millimeters)
Case:ITO-220AC molded plastic body
Features
High surge capability
Metal silicon junction, majority carrier conduction
High temperature soldering guaranteed:
260℃/10 seconds, at terminals
Version:F11
Note 2: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
Note 1: 2.0uS Pulse Width, f=1.0KHz
Operating Temperature Range
Storage Temperature Range
- 65 to + 150
- 65 to + 150
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Maximum Average Forward Rectified Current
at Tc=125℃
Peak Repetitive Forward Current (Rated VR,
Square Wave, 20KHz) at Tc=125 ℃
IF(AV)
IFRM
16
32
0.5
IR
0.63
15
10
0.57
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - MBRF1635

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF1635 GE-MBRF1635 Datasheet
114Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF1635 GE-MBRF1635 Datasheet
114Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF1635 TSC-MBRF1635 Datasheet
66Kb / 2P
Isolation 16.0 AMPS. Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
MBRF1635 GOOD-ARK-MBRF1635 Datasheet
246Kb / 3P
Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF1635 TSC-MBRF1635 Datasheet
270Kb / 2P
Isolated 16.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF1635

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRA1620 TSC-SRA1620 Datasheet
50Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635 Datasheet
61Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
MBRF1635 TSC-MBRF1635_1 Datasheet
270Kb / 2P
Isolated 16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620 Datasheet
93Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
SRAF1620 TSC-SRAF1620_1 Datasheet
190Kb / 2P
Isolated 16.0 AMPS. Schottky Barrier Rectifiers
SRF1620 TSC-SRF1620_1 Datasheet
205Kb / 2P
Isolated 16.0 AMPS. Schottky Barrier Rectifiers
SRAF1620 TSC-SRAF1620_10 Datasheet
620Kb / 2P
Isolated 16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635_11 Datasheet
247Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
MBRF16H45 TSC-MBRF16H45 Datasheet
142Kb / 2P
16.0 AMPS. Isolated Schottky Barrier Rectifiers
MBRF1635 TSC-MBRF1635_13 Datasheet
242Kb / 3P
16.0 AMPS. Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com