Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2050 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF2050
Description  20.0 AMPS. Isolated Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF2050 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF2050 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF2050 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326243
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for overvoltage protection
Mechanical Data
MBRF20XX
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
MBRF
2035
MBRF
2045
MBRF
2050
MBRF
2060
MBRF
2090
MBRF
20100
Unit
VRRM
35
45
50
60
90
100
V
VRMS
24
31
35
42
63
70
V
VDC
35
45
50
60
90
100
V
IRRM
A
dV/dt
V/us
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
560
420
10000
5
mA
0.2
0.1
A
0.82
0.72
0.87
0.95
3
Typical Junction Capacitance
A
IFSM
Maximum Instantaneous Forward Voltage (Note 2)
IF=20A, TA=25℃
IF=20A, TA=125℃
VF
Voltage Rate of Change (Rated V R)
V
150
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Weight: 1.88 grams
Typical Thermal Resistance
Type Number
1
A
Green compound with suffix "G" on packing
code & prefix "G" on datecode
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
Maximum Reverse Current @ Rated VR T A=25 ℃
T A=125 ℃
Polarity: As marked
Mounting torque: 5 in. - lbs, max
Mounting position:Any
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Peak Repetitive Reverse Surge Current (Note 1)
MBRF2035 - MBRF20100
Marking Diagram
ITO-220AC
20.0 AMPS. Isolated Schottky Barrier Rectifiers
Dimensions in inches and (millimeters)
Case:ITO-220AC molded plastic body
Features
High surge capability
Metal silicon junction, majority carrier conduction
High temperature soldering guaranteed:
260℃/10 seconds, 0.25"(6.35mm) from case
Version:F11
Note 2: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
Note 1: 2.0uS Pulse Width, f=1.0KHz
Operating Temperature Range
Storage Temperature Range
- 65 to + 150
- 65 to + 150
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Maximum Average Forward Rectified Current
at Tc=125℃
Peak Repetitive Forward Current (Rated VR,
Square Wave, 20KHz) at Tc=125 ℃
IF(AV)
IFRM
20
40
0.5
IR
0.75
15
10
0.65
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - MBRF2050

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF2050 TSC-MBRF2050 Datasheet
272Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF2050 LUGUANG-MBRF2050 Datasheet
214Kb / 2P
Isolated 20.0AMP. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF2050 TSC-MBRF2050 Datasheet
218Kb / 4P
Isolated Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
MBRF2050 SMC-MBRF2050 Datasheet
165Kb / 6P
Guard ring for enhanced ruggedness and long term reliability
logo
SAMYANG ELECTRONICS CO....
MBRF2050 SAMYANG-MBRF2050 Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRF2050

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR2035PTV TSC-MBR2035PTV Datasheet
365Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT Datasheet
565Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF2035 TSC-MBRF2035 Datasheet
272Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF2035CT TSC-MBRF2035CT Datasheet
210Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
SRF2020 TSC-SRF2020_1 Datasheet
203Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBR20H100CT TSC-MBR20H100CT_09 Datasheet
523Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT_09 Datasheet
1Mb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF2035CT TSC-MBRF2035CT_11 Datasheet
183Kb / 2P
20.0 AMPS. Isolated Schottky Barrier Rectifiers
SR2020PT TSC-SR2020PT_10 Datasheet
624Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBRF2035 TSC-MBRF2035_13 Datasheet
248Kb / 3P
20.0 AMPS. Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com