Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB495DRF Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # RB495DRF
Description  40V, 350mA, SMD Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RB495DRF Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  RB495DRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RB495DRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd RB495DRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RB495D
40V, 350mA, SMD Schottky Diode
Small Signal Diode
Surface device type mounting
Mositure sensitivity level 1
Matte tin (Sn) lead finishe with Nickel (Ni) underplate
Pb-free version and RoHS compliant
Green compound (Halogen free) with suffix "G" on
Min
Max
Min
Max
packing code and prefix "G" on date code.
2.80
3.00
0.110
0.118
1.20
1.40
0.047
0.055
0.30
0.50
0.012
0.020
Case : SOT- 23 small outline plastic package
1.80
2.00
0.071
0.079
2.25
2.55
0.089
0.100
0.90
1.20
0.035
0.047
0.08
0.19
0.003
0.010
Marking:D3Q
Part No.
Packing Code Package
Packing
Marking
RB495D
RF
SOT-23
3K / 7" Reel
D3Q
RB495D
RFG
SOT-23
3K / 7" Reel
D3Q
Note 2: The suggested land pattern dimensions have been provided for reference only,
as actual pad layouts may vary despending on application.
V
Junction Temperature
TJ
℃
125
Repetitive Peak Reverse Voltage
Reverse Voltage
VR
350
Ordering Information
High temperature soldering guaranted: 260℃/10s
Terminal: Matte tin plated, lead free, solderable
per MIL-STD-202, Method 208 guranteed
Note 1: Mean output current per element: IO/2.
Maximum Ratings
Rating at 25°C ambient temperature unless otherwise specified.
Mean Forward Current
Non-Repetitive Peak Forward Surge Current ( Note 1)
V
Features
Mechanical Data
Unit (inch)
Dimensions
Suggested PAD Layout
A
0.022 REF
C
B
D
E
SOT-23
Epitaxial planar die construction
Weight: 0.008 grams (approximate)
Unit (mm)
0.550 REF
H
G
F
mW
Type Number
Symbol
Units
Value
Maximum Ratings
1.5
-40 ~+125
IFSM
25
VRRM
40
PD
200
Power dissipation
Storage Temperature Range
IO
TSTG
mA
A
℃
2.0
0.079
0.95
0.037
0.9
0.035
0.8
0.031
A
B
C
D
F
E
G
H
12
3
Version : E10


Similar Part No. - RB495DRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RB495DRF TSC-RB495DRF Datasheet
157Kb / 2P
40V, 350mA, SMD Schottky Diode
More results

Similar Description - RB495DRF

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S15SC4M SHINDENGEN-S15SC4M Datasheet
514Kb / 10P
Schottky Barrier Diode(40V 15A)
logo
Taiwan Semiconductor Co...
RB495D TSC-RB495D Datasheet
157Kb / 2P
40V, 350mA, SMD Schottky Diode
logo
Diodes Incorporated
ZLLS350 DIODES-ZLLS350 Datasheet
90Kb / 4P
40V LOW LEAKAGE SCHOTTKY DIODE
Rev 4
logo
Micro Commercial Compon...
LS103A MCC-LS103A Datasheet
236Kb / 4P
350mA Schottky Barrier Diode 20~40Volt
logo
Formosa MS
SD103AWS FORMOSA-SD103AWS_11 Datasheet
90Kb / 7P
350mA Surface Mount Small Signal Schottky Diode -20V-40v
logo
SUNMATE electronic Co.,...
BAT48 SUNMATE-BAT48 Datasheet
217Kb / 2P
350mA Axial Leaded Schottky Barrier Diode
logo
Diodes Incorporated
ZLLS350 DIODES-ZLLS350_15 Datasheet
166Kb / 4P
40V LOW LEAKAGE SCHOTTKY DIODE
Rev 6
logo
Micro Commercial Compon...
LS103A MCC-LS103A_12 Datasheet
183Kb / 4P
350mA Schottky Barrier Diode 20~40Volt
logo
Silicon Supplies
1N5822 SS-1N5822 Datasheet
518Kb / 3P
40V 3A Schottky Diode
logo
AiT Semiconductor Inc.
SD103AWS AITSEMI-SD103AWS Datasheet
857Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 40V FORWARD CURRENT 350mA
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com