Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # S2B
Description  2.0 AMPS Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S2B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  S2B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S2B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:D11
RATINGS AND CHARACTERISTIC CURVES (S2A THRU S2M)
FIG.1 FORWARD CURRENT DERATING CURVE
0
0.5
1
1.5
2
2.5
0
20
40
60
80
100
120
140
160
LEAD TEMPERATURE (
oC)
RESISTIVE OR
INDUCTIVE LOAD
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
1
10
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3mS Single Half Sine Wave
JEDEC Method
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25℃
TA=125℃
TA=100℃
FIG. 4 TYPICAL JUNCTION CAPACITANCE
1
10
100
0.1
1
10
100
REVERSE VOLTAGE (V)
TA=25℃
f=1.0MHz
Vsig=50mVp-p
FIG. 5 TYPICAL FORWARD CHARACTERISRICS
0.01
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
TA=25℃
Pulse
Width=300us
1% Duty Cycle



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com