Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2DA Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S2DA
Description  1.5 AMPS. Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S2DA Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S2DA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S2DA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - S2DA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S2DA SSE-S2DA Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S2DA DIODES-S2DA Datasheet
47Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 7 - 2
logo
Won-Top Electronics
S2DA WTE-S2DA Datasheet
47Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S2DA TSC-S2DA Datasheet
51Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
S2DA TSC-S2DA Datasheet
133Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
More results

Similar Description - S2DA

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
S2A JGD-S2A Datasheet
150Kb / 2P
1.5 AMPS. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
HS2AA TSC-HS2AA Datasheet
53Kb / 2P
1.5 AMPS. High Efficient Surface Mount Rectifiers
RS2AA TSC-RS2AA Datasheet
133Kb / 2P
1.5 AMPS. Surface Mount Fast Recovery Rectifiers
S2AA TSC-S2AA Datasheet
51Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
S2AA TSC-S2AA_1 Datasheet
133Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
S2A YANGJIE-S2A Datasheet
696Kb / 2P
1.5 AMPS. SURFACE MOUNT RECTIFIERS
RS2A YANGJIE-RS2A Datasheet
752Kb / 2P
1.5 AMPS. FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
HS2AA TSC-HS2AA_11 Datasheet
135Kb / 2P
1.5 AMPS High Efficient Surface Mount Rectifiers
RS2AA TSC-RS2AA_10 Datasheet
449Kb / 2P
1.5 AMPS. Surface Mount Fast Recovery Rectifiers
BYG20D TSC-BYG20D Datasheet
439Kb / 4P
1.5 AMPS High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com