Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2M Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S2M
Description  2.0 AMPS Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S2M Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S2M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S2M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326243
For surface mounted application
Glass passivated chip junction
Low forward voltage drop
High current capability
Easy pick and place
High surge current capability
S2X
= Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
S2A
S2B
S2D
S2G
S2J
S2K
S2M
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
Trr
uS
Cj
pF
TJ
OC
TSTG
OC
IF(AV)
2.0
1.5
A
VF
1.15
V
IFSM
50
Packing: 12mm tape per EIA STD RS-481
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Terminal: Pure tin plated, lead free
Typical Thermal Resistance (Note 4)
Mechanical Data
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Instantaneous Forward Voltage (Note 1)
@ 2A
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Features
Weight: 0.093 grams
Type Number
Polarity: Indicated by cathode band
Maximum Average Forward Rectified Current
@TL=100℃
OC/W
S2A - S2M
2.0 AMPS Surface Mount Rectifiers
Marking Diagram
SMB/DO-214AA
Maximum Reverse Recovery Time (Note 2)
Note 4: PCB Mount on 10mm x 10mm Copper Pad Area
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
RθjA
RθjL
53
16
Version:D11
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
30
- 55 to + 150
Typical Junction Capacitance (Note 3)
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=125 ℃
IR
Dimensions in inches and (millimeters)
Case: Molded plastic
A
uA
1
125
High temperature soldering:
260℃/10 seconds at terminals
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - S2M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2M PANJIT-S2M Datasheet
58Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
S2M SURGE-S2M Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 2.0 Ampere????
logo
Transys Electronics
S2M TRSYS-S2M Datasheet
176Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S2M JGD-S2M Datasheet
150Kb / 2P
1.5 AMPS. SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
S2M SSE-S2M Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - S2M

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SS22 JGD-SS22 Datasheet
159Kb / 2P
2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
ES2A ETC1-ES2A Datasheet
51Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
RS2A TSC-RS2A Datasheet
55Kb / 2P
2.0 AMPS. Fast Recovery Surface Mount Rectifiers
S2A TSC-S2A Datasheet
54Kb / 2P
2.0 AMPS. Surface Mount Rectifiers
S2A TSC-S2A_1 Datasheet
249Kb / 2P
2.0 AMPS. Surface Mount Rectifiers
ES2A TSC-ES2A_1 Datasheet
56Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
RS2A TSC-RS2A_10 Datasheet
570Kb / 2P
2.0 AMPS. Surface Mount Fast Recovery Rectifiers
SS22 TSC-SS22_10 Datasheet
567Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
FR2A LUGUANG-FR2A Datasheet
239Kb / 2P
2.0 AMPS. Surface Mount Fast Recovery Rectifiers
S2A LUGUANG-S2A Datasheet
212Kb / 2P
2.0 AMPS. Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com