Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS1002G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFS1002G
Description  10.0AMPS Surface Mount Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFS1002G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFS1002G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFS1002G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
Low forward voltage drop
High current capability
High reliability
High surge current capability
Qualified as per AEC-Q101
SFS100XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SFS
1001G
SFS
1002G
SFS
1003G
SFS
1004G
SFS
1005G
SFS
1006G
SFS
1007G
SFS
1008G
Unit
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
Trr
nS
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
1.7
V
Maximum Instantaneous Forward Voltage
@ 5.0A
VF
0.975
1.3
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
125
A
Maximum Average Forward Rectified Current
@TC=100℃
IF(AV)
10.0
A
Features
Weight: 1.70 grams
Typical Thermal Resistance
Type Number
Polarity: As marked
SFS1001G - SFS1008G
10.0AMPS Surface Mount Super Fast Rectifiers
Marking Diagram
D
2PAK
High temperature soldering:
260℃/10 seconds/.16",(4.06mm) from case
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Note 1: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Operating Temperature Range
Storage Temperature Range
- 65 to + 150
uA
2
Version:D11
- 65 to + 150
Typical Junction Capacitance (Note 2)
70
50
Note 2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Dimensions in inches and (millimeters)
Case: D
2PAK Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
1
200
Maximum Reverse Recovery Time (Note 1)
35
Maximum DC Reverse Current
T A=25 ℃
@ Rated DC Blocking Voltage
T A=125 ℃
IR
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SFS1002G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFS1002G TSC-SFS1002G Datasheet
389Kb / 4P
Surface Mount Super Fast Rectifiers
SFS1002GH TSC-SFS1002GH Datasheet
590Kb / 6P
10A, 50V - 600V Super Fast Surface Mount Rectifier
More results

Similar Description - SFS1002G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SS5A EIC-SS5A Datasheet
41Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SynSemi, Inc.
MURA130 SYNSEMI-MURA130 Datasheet
44Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES2A WEITRON-ES2A Datasheet
45Kb / 2P
Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SRS1020 TSC-SRS1020_11 Datasheet
154Kb / 2P
10.0AMPS. Surface Mount Schottky Barrier Rectifiers
SF1001G TSC-SF1001G_11 Datasheet
195Kb / 2P
10.0AMPS. Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_13 Datasheet
399Kb / 3P
10.0AMPS. Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G_13 Datasheet
419Kb / 3P
10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFS1001G TSC-SFS1001G_13 Datasheet
436Kb / 4P
10.0AMPS Surface Mount Super Fast Rectifiers
logo
First Components Intern...
VFD10C05 FCI-VFD10C05 Datasheet
211Kb / 2P
10.0AMPS ULTRA FAST SURFACE MOUNT POWER RECTIFIERS
logo
Taiwan Semiconductor Co...
SFAF1001G TSC-SFAF1001G_14 Datasheet
423Kb / 3P
10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com