Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3019 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3019
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3019 Datasheet(HTML) 2 Page - Seme LAB

  2N3019 Datasheet HTML 1Page - Seme LAB 2N3019 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number 3064
Issue 1
2N3019
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Parameter
Test Conditions
Min.
Typ.
Max. Unit
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
IC = 30mA
IB = 0
IC = 100µAIE = 0
IE = 100µAIC = 0
VCB = 90V
IE = 0
VCB = 90V
IE = 0
Tamb = 150°C
VBE = 5V
IC = 0
IC = 150mA
IB = 15mA
IC = 500mA
IB = 50mA
IC = 150mA
IB = 15mA
IC = 0.1mA
VCE = 10V
IC = 10mA
VCE = 10V
IC = 150mA
VCE = 10V
IC = 500mA
VCE = 10V
IC = 1A
VCE = 10V
IC = 150mA
VCE = 0.5V
V(BR)CEO
Collector – Emitter Breakdown Voltage
V(BR)CBO*
Collector – Base Breakdown Voltage
V(BR)EBO*
Emitter – Base Breakdown Voltage
ICBO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
TC = –55°C
80
140
7
0.01
10
0.010
0.20
0.50
1.1
50
90
100
300
50
15
40
V
V
V
µA
µA
V
V
—
fT
Transition Frequency
Cobo
Output Capacitance
Cibo
Input Capacitance
hfe
Small Signal Current Gain
rb’Cc
Collector Base Time Constant
NF
Noise Figure
IC = 50mA
VCE = 10V
f = 20MHz
VCB = 10V
IE = 0
f = 1.0MHz
VBE = 0.5V IC = 0
f = 1.0MHz
IC = 1mA
VCE = 5V
f = 1kHz
IE = 10mA
VCB = 10V
f = 79.8MHz
IC = 100µAVCE = 10V
f = 1kHz
RS = 1KΩ
100
400
12
60
80
400
15
400
4
MHz
pF
pF
—
ps
db
t* Pulse test tp = 300µs , δ ≤ 1%
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com