Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3019CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3019CSM
Description  HIGH FREQUENCY, NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3019CSM Datasheet(HTML) 2 Page - Seme LAB

  2N3019CSM Datasheet HTML 1Page - Seme LAB 2N3019CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LAB
SEME
2N3019CSM
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Parameter
Test Conditions
Min.
Typ.
Max. Unit
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
IC = 10mA
IB = 0
IC = 100µAIE = 0
IE = 100µAIC = 0
VCB = 90V
VBE = 0
Tamb = 150°C
VEB = 5V
IC = 150mA
IB = 15mA
IC = 500mA
IB = 50mA
IC = 150mA
IB = 15mA
IC = 0.1mA
VCE = 10V
IC = 10mA
VCE = 10V
IC = 150mA
VCE = 10V
Tamb = –55°C
IC = 500mA
VCE = 10V
IC = 1A
VCE = 10V
V(BR)CEO*
Collector – Emitter BreakdownVoltage
V(BR)CBO*
Collector – Base Breakdown Voltage
V(BR)EBO*
Emitter – Base Breakdown Voltage
ICBO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
80
140
7
10
10
10
0.20
0.50
1.1
50
90
100
300
40
50
15
V
V
V
nA
µA
nA
V
—
fT
Transition Frequency
CEBO
Capacitance
CCBO
Input Capacitance
hfe
Small Signal Current Gain
NF
Noise Figure
IC = 50mA
VCE = 10V
f = 20MHz
VEB = 0.5V IC = 0
f = 1.0MHz
VCB = 10V
IE = 0
f = 1.0MHz
IC = 1mA
VCE = 5V
f = 1kHz
IC = 100µAVCE = 10V
f = 1kHz
Rg = 1KΩ
100
60
12
80
400
4
MHz
pF
pF
—
dB
t* Pulse test tp = 300µs , δ ≤ 2%
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 5468
Issue 1
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com