Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3114CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3114CSM
Description  SILICON PLANAR EPITAXIAL NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3114CSM Datasheet(HTML) 2 Page - Seme LAB

  2N3114CSM_09 Datasheet HTML 1Page - Seme LAB 2N3114CSM_09 Datasheet HTML 2Page - Seme LAB 2N3114CSM_09 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON PLANAR EPITAXIAL
NPN TRANSISTOR
2N3114CSM
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 5293
Issue 2
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
ICEO
Collector-Cut-Off Current
VCE = 150V
IB = 0
100
µ
A
VCB = 150V
IE = 0
10
µA
VCB = 100V
IE = 0
10
nA
ICBO
Collector-Cut-Off Current
TA = 150°C
10
µA
VEB = 5V
IC = 0
1.0
µA
IEBO
Emitter-Cut-Off Current
VEB = 4V
IC = 0
100
nA
IC = 0.1mA
VCE = 10V
15
35
IC = 30mA
VCE = 10V
30
60
120
hFE
(1)
Forward-current transfer
ratio
TA = 150°C
12
24
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = 50mA
IB = 5mA
1.0
VBE(sat)
(1)
Base-Emitter Saturation
Voltage
IC = 50mA
IB = 5mA
0.9
V
DYNAMIC CHARACTERISTICS
IC = 30mA
VCE = 10V
| hfe |
Small signal forward-current
transfer ratio
f = 20MHz
2
VCB = 20V
IE = 0
Cobo
Output Capacitance
f = 1.0MHz
9
pF
VEB = 0.5V
IC = 0
Cibo
Input Capacitance
f = 1.0MHz
80
pF
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com