Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3250CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3250CSM
Description  GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3250CSM Datasheet(HTML) 2 Page - Seme LAB

  2N3250CSM Datasheet HTML 1Page - Seme LAB 2N3250CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3250CSM
Document Number 2539
Issue 2
LAB
SEME
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
-40
-50
-5
-20
-50
-25
-0.5
-0.6
-0.9
-1.2
40
45
50
150
250
6.0
8.0
1.0
6.0
10
50
300
4.0
40
6
250
35
35
175
50
IC = -10mA
IB = 0
IC = 10µAIE = 0
IE = 10µAIC = 0
VCE = -40V
VEB = -3V
VCE = -40V
VEB = -3V
IC = -10mA
IB = -1mA
IC = -50mA
IB = - 5mA
IC = -10mA
IB = -1mA
IC = -50mA
IB = - 5mA
VCE = -1V
IC = -0.1mA
VCE = -1V
IC = -1mA
VCE = -1V
IC = -10mA
VCE = -20V
IC = -10mA
f = 100MHz
VCB = -10V
IE = 0
f = 1.0MHz
VEB = -1.0V
IC = 0
f = 1.0MHz
VCE = -10V
IC = -1.0mA
f = 1.0KHz
VCE = -5V
IC = -100µA
f = 100Hz
RS = -1kΩ
VCE = -20V
IC = -100mA
f = 131.8MHz
VCC = -3V
VBE = 0.5V
IC = -10mA
IB1 = -1mA
VCC = -3V
IC = -10mA
IB1 = IB1 = -1mA
V(BR)CEO*
Collector – Emitter Breakdown Voltage
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICEX
Collector – Cut-off Current
IBL
Base Cutoff Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
ft
Current Gain Bandwidth Product
Cobo
Output Capacitance
Cibo
Input Capacitance
hie
Input Impedance
hre
Voltage Feedback Ratio
hfe
Small Signal Current Gain
hoe
Output Admittance
NF
Noise Figure
rb’CC
Collector Base Time Constant
td
Delay Time
tr
Rise Time
ts
Storage Time
tf
Fall Time
V
nA
V
V
—
MHz
pF
pF
k
Ω
x 10-4
—
µhmos
dB
ps
ns
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
ON CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
SWITCHING CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com