Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6257GU Datasheet(PDF) 9 Page - MOSA ELECTRONICS

Part # MS6257GU
Description  Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6257GU Datasheet(HTML) 9 Page - MOSA ELECTRONICS

Back Button MS6257GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6257GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6257GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6257GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6257GU Datasheet HTML 9Page - MOSA ELECTRONICS MS6257GU Datasheet HTML 10Page - MOSA ELECTRONICS MS6257GU Datasheet HTML 11Page - MOSA ELECTRONICS MS6257GU Datasheet HTML 12Page - MOSA ELECTRONICS MS6257GU Datasheet HTML 13Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MOSA
MS6257
Gain and Attenuation Volume Controller IC
REV 6
9
www.mosanalog.com
Example
Mute off
Data byte
1
0
0
0
0
0
MSB
1
0
ACK
Start
0
1
1
1
0
0
1
0
MS6257 address
2-ch, Mute off
LSB
Stop
ACK
The initial condition is attenuation –79dB, gain 0dB and mute on when power up. The first command must disable the
mute function.
Set gain of two channels at 0dB
ACK
Stop
1
1
0
0
0
0
0
0
2-ch, +1dB/step, 0dB
ACK
Start
MS6257 Address
ACK
1
1
1
0
0
0
0
0
2-ch, -10dB/step, 0dB
1
1
0
1
0
0
0
0
ACK
2-ch, -1dB/step, 0dB
Set gain of two channels at 6dB
The value of attenuation must be set zero when the volume from attenuation to gain.
ACK
Stop
1
1
0
0
1
0
0
1
2-ch, +1dB/step, 6dB
ACK
Start
MS6257 Address
ACK
1
1
1
0
0
0
0
0
2-ch, -10dB/step, 0dB
1
1
0
1
0
0
0
0
ACK
2-ch, -1dB/step, 0dB
Set gain of two channels at -3dB
The value of gain must be set zero when the volume from gain to attenuation.
ACK
Start
MS6257 Address
ACK
1
1
0
0
0
0
0
0
2-ch, +1dB/step, 0dB
1
1
1
0
0
0
0
0
ACK
2-ch, -10dB/step, 0dB
ACK
Stop
1
1
0
1
1
1
0
0
2-ch, -1dB/step, -3dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com