Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6257 Datasheet(PDF) 13 Page - MOSA ELECTRONICS

Part # MS6257
Description  Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6257 Datasheet(HTML) 13 Page - MOSA ELECTRONICS

Back Button MS6257 Datasheet HTML 9Page - MOSA ELECTRONICS MS6257 Datasheet HTML 10Page - MOSA ELECTRONICS MS6257 Datasheet HTML 11Page - MOSA ELECTRONICS MS6257 Datasheet HTML 12Page - MOSA ELECTRONICS MS6257 Datasheet HTML 13Page - MOSA ELECTRONICS MS6257 Datasheet HTML 14Page - MOSA ELECTRONICS MS6257 Datasheet HTML 15Page - MOSA ELECTRONICS MS6257 Datasheet HTML 16Page - MOSA ELECTRONICS MS6257 Datasheet HTML 17Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MOSA
MS6257
Gain and Attenuation Volume Controller IC
REV 6
13
www.mosanalog.com
DEMO BOARD
Label 1: Supply Voltage
The AVDD and DVDD should be the same supply voltage, the supply range is 2.7~6.5 VDC.
Label 2: Control Switch
2-CH+ : The volume-up switch for stereo channel
The volume increase by +1dB as the switch is pressed once, the maximum value is up to +15dB.
The default value is 0dB on initial status.
L-channel and R-channel are active synchronic.
2-CH- : The volume-down switch for stereo channel
The volume decrease by -1dB as the switch is pressed once, the minimum value is up to -79dB.
L-channel and R-channel are active synchronic.
LCH+ : The volume-up switch for left channel
The volume increase by +1dB as the switch is pressed once, the maximum value is up to +15dB.
LCH- : The volume-down switch for left channel
The volume decrease by -1dB as the switch is pressed once, the minimum value is up to -79dB.
RCH+ : The volume-up switch for right channel
The volume increase by +1dB as the switch is pressed once, the maximum value is up to +15dB.
RCH- : The volume-down switch for right channel
The volume decrease by -1dB as the switch is pressed once, the minimum value is up to -79dB.
MUTE : Press the switch once to enter mute-on or mute-off.
The default status is mute-off on initial status.
RESET : Reset MCU controller, the system will be loaded default value.
1
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com