Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6260 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6260
Description  Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6260 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6260 Datasheet HTML 1Page - MOSA ELECTRONICS MS6260 Datasheet HTML 2Page - MOSA ELECTRONICS MS6260 Datasheet HTML 3Page - MOSA ELECTRONICS MS6260 Datasheet HTML 4Page - MOSA ELECTRONICS MS6260 Datasheet HTML 5Page - MOSA ELECTRONICS MS6260 Datasheet HTML 6Page - MOSA ELECTRONICS MS6260 Datasheet HTML 7Page - MOSA ELECTRONICS MS6260 Datasheet HTML 8Page - MOSA ELECTRONICS MS6260 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MOSA
MS6260
Gain And Attenuation Volume Controller IC
REV 3
2
www.mosanalog.com
PIN CONFIGURATION
Symbol
Pin
Description
A.O.
1
Address option *
L-IN
2
Left channel input
L-OUT
3
Left channel output
VSS
4
Ground
SDA
5
I
2C data input
SCL
6
I
2C clock input
VDD
7
Positive supply voltage
R-OUT
8
Right channel output
R-IN
9
Right channel input
VREF
10
Reference voltage = 1/2VDD
9
8
7
10
2
3
4
1
R-IN
R-OUT
VDD
SCL
L-IN
L-OUT
VSS
SDA 5
6
MS6260
A.O.
VREF
Note: 1. Pin 1 is set to Lo or open , the address code is 88H (10001000B).
2. Pin 1 is set to Hi , the address code is 8CH (10001100B).
3. The VREF connects a capacitor to Vss.
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
10-Pin MSOP (lead free)
MS6260MGTR
6260G
3.5k Units Tape and Reel
10-Pin MSOP (lead free)
MS6260MGU
6260G
80 Units Tube
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
6.5
V
VESD
Electrostatic Handling
-3000 to 3000
V
TSTG
Storage Temperature Range
-65 to 150
℃
TA
Operating Ambient Temperature Range
-40 to 85
℃
TJ
Maximum Junction Temperature
150
℃
TS
Soldering Temperature, 10 seconds
260
℃
RTHJA
Thermal Resistance from Junction to Ambient in Free Air
MSOP10
235
℃/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
2.7
-
6.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com