Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6313ASGU Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6313ASGU
Description  16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6313ASGU Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6313ASGU Datasheet HTML 1Page - MOSA ELECTRONICS MS6313ASGU Datasheet HTML 2Page - MOSA ELECTRONICS MS6313ASGU Datasheet HTML 3Page - MOSA ELECTRONICS MS6313ASGU Datasheet HTML 4Page - MOSA ELECTRONICS MS6313ASGU Datasheet HTML 5Page - MOSA ELECTRONICS MS6313ASGU Datasheet HTML 6Page - MOSA ELECTRONICS MS6313ASGU Datasheet HTML 7Page - MOSA ELECTRONICS MS6313ASGU Datasheet HTML 8Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MOSA
MS6313
16-Bits Stereo Audio DAC
REV6
2/8
www.mosanalog.com
BLOCK DIAGRAM
LEFT OUTPUT LATCH
LEFT BIT SWITCHES
11-BIT
PASSIVE
DIVIDER
32 (5-BIT)
MATCHED
CURRENT
SOURCES
Iref
RIGHT OUTPUT LATCH
RIGHT BIT SWITCHES
32 (5-BIT)
MATCHED
CURRENT
SOURCE
11-BIT
PASSIVE
DIVIDER
Iref
LEFT INPUT LATCH
RIGHT INPUT LATCH
CONTROL
&
TIMING
Vref
Vref
R1
R2
REFERENCE
SOURCE
IBL Iref IBR
IBL
IBR
-
+
-
+
1
2
3
BCK
WS
DATA
6
8
V
OUT
left
VOUT
right
5
V
DD
4
GND
OP1
OP2
100nF
Vref
2K
2K
1uF
7
nc / Cap
Fig.1
Block diagram.
ORDERING INFORMATION
Package
Part number
Marking
Transport Media
8-Pin SOP (lead free)
MS6313ASGTR
MS6313ASG
2.5k Units Tape and Reel
8-Pin SOP (lead free)
MS6313ASGU
MS6313ASG
100 Units Tube
RoHS Compliance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com