Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SS12
Description  1.0AMP Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS12 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SS12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326243
For surface mounted application
Easy pick and place
Metal to silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High current capability, low VF
High surge current capability
High reliability grade (ACE-Q101 qualified)
SS1X
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SS
12
SS
13
SS
14
SS
15
SS
16
SS
19
SS
110
SS
115
Unit
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
IF(AV)
A
mA
mA
mA
Cj
pF
TJ
OC
TSTG
OC
Version:G11
Note3: Mount on Cu-Pad Size 5mm × 5mm on P.C.B.
10
5
Typical Junction Capecitance (Note 2)
50
Note1: Pulse Test with PW=300u sec, 1% Duty Cycle
--
Note2: Measured at 1 MHz and Applied Reverse Voltagr of 4.0V D.C.
Operating Temperature Range
Storage Temperature Range
- 65 to + 150
- 65 to + 125
- 65 to + 150
0.1
IR
Mechanical Data
Maximum Repetitive Peak Reverse Voltage
Dimensions in inches and (millimeters)
Terminal: Pure tin plated, lead free
Case: JEDEC SMA/DO-214AC Molded plastic
-
Packaging: 12 mm tape per EIA STD RS-481
2
High temperature soldering guaranteed: 260℃
/10s at terminals
SS12 - SS115
1.0AMP Surface Mount Schottky Barrier Rectifier
Marking Diagram
SMA/DO-214AC
Epitaxial construction
Features
Plastic material used carriers Underwriters
Laboratory Classigication 94V-0
30
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Weight: 0.066 gram
Type Number
Maximum Average Forward Rectified Current
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=100℃
TA=125 ℃
0.4
Polarity: Indicated by cathode band
= Specific Device Code
Maximum RMS Voltage
Maximum DC Blocking Voltage
1.0
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 1.0A @ 25℃
@ 1.0A @100℃
VF
0.5
0.4
0.75
0.65
0.80
0.70
0.95
0.85
V
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
Typical Thermal Resistance (Note 3)
RθjL
RθjA
28
88
OC/W
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SS12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS12 PANJIT-SS12 Datasheet
66Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Surge Components
SS12 SURGE-SS12 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
SS12 TRSYS-SS12 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SS12 WTE-SS12 Datasheet
42Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS12 JGD-SS12 Datasheet
171Kb / 2P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL5817 TSC-LL5817_1 Datasheet
273Kb / 2P
1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK12L SECOS-SK12L Datasheet
369Kb / 4P
1.0AMP Surface Mount Schottky Barrier Rectifiers
SM120B SECOS-SM120B Datasheet
155Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
CSMASS1XAS CYSTEKEC-CSMASS1XAS Datasheet
145Kb / 3P
1.0Amp. Surface Mount Schottky Barrier Diodes
logo
Taiwan Semiconductor Co...
SS13M TSC-SS13M Datasheet
176Kb / 3P
1.0Amp Surface Mount Schottky Barrier Rectifier
SK12B TSC-SK12B_11 Datasheet
207Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifier
SSL12 TSC-SSL12_11 Datasheet
201Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifier
SK12B TSC-SK12B_13 Datasheet
260Kb / 4P
1.0AMP Surface Mount Schottky Barrier Rectifier
logo
Cystech Electonics Corp...
SK1XSB CYSTEKEC-SK1XSB Datasheet
199Kb / 5P
1.0Amp. Surface Mount Schottky Barrier Diodes
logo
DIYI Electronic Technol...
DSS12U DYELEC-DSS12U Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com