Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS210L Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SS210L
Description  2.0AMPS Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS210L Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SS210L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS210L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
creat by art
For surface mounted application
Low-Profile Package
Idea for automated pick & place
High current capability, low VF
High surge current capability
SS2XL = Specific Device Code
G
= Green Compound
Y
= Year
Maximum Ratings and Electrical Characteristics
M
= Work Month
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SS
22L
SS
23L
SS
24L
SS
25L
SS
26L
SS
29L
SS
210L
SS
215L
Unit
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
Cj
pF
TJ
OC
TSTG
OC
mA
0.1
5
15
10
-
IR
0.4
--
Polarity: Color band denotes cathode end
Mechanical Data
Note 2: Measure at 1MHz and Applied Reverse Voltage of 4.0V D.C.
22L
YM
Maximum RMS Voltage
Maximum DC Blocking Voltage
26L
YM
29L
YM
130
Weight: 0.0196 grams
Type Number
50
0.50
23L
YM
24L
YM
25L
YM
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=100℃
TA=125 ℃
SS22L - SS215L
2.0AMPS Surface Mount Schottky Barrier Rectifiers
Marking Diagram
Sub SMA
Dimensions in inches and (millimeters)
Terminal: Pure tin plated, lead free
Case: Sub SMA plastic case
Epitaxial construction
Features
Packaging: 12mm tape per EIA STD RS-481
Version:H11
Note 3: Mount on Cu-Pad Size 5mm × 5mm on P.C.B.
Typical Junction Capecitance (Note 2)
Note 1: Pulse Test with PW=300u sec, 1% Duty Cycle
Operating Temperature Range
Storage Temperature Range
- 65 to + 150
- 65 to + 125
- 65 to + 150
Plastic material used carriers Underwriters
Laboratory Classigication 94V-0
High temperature soldering guaranteed:
260℃/10s at terminals
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Maximum Average Forward Rectified Current
at TL (See Fig. 1)
Marking Code
Maximum Repetitive Peak Reverse Voltage
20L
YM
2AL
YM
V
Maximum Instantaneous Forward Voltage (Note 1)
@ 2.0A
IF(AV)
2.0
VF
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
50
A
A
V
Typical Thermal Resistance (Note 3)
RθjL
RθjA
17
75
OC/W
0.70
0.85
0.95
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SS210L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS210L TSC-SS210L Datasheet
88Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS210L TSC-SS210L Datasheet
208Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS210L TSC-SS210L Datasheet
208Kb / 4P
Surface Mount Schottky Barrier Rectifier
logo
Gaomi Xinghe Electronic...
SS210L GXELECTRONICS-SS210L Datasheet
446Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Yixinwei Techn...
SS210L YIXIN-SS210L Datasheet
265Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS210L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSH210 TSC-SSH210 Datasheet
128Kb / 2P
2.0AMPS. Surface Mount Schottky Barrier Rectifier
SK22A TSC-SK22A_11 Datasheet
192Kb / 2P
2.0AMPS. Surface Mount Schottky Barrier Rectifier
SS22M TSC-SS22M_12 Datasheet
212Kb / 2P
2.0AMPS. Surface Mount Schottky Barrier Rectifiers
SSL22 TSC-SSL22_11 Datasheet
208Kb / 2P
2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SSH210 TSC-SSH210_13 Datasheet
254Kb / 4P
2.0AMPS. Surface Mount Schottky Barrier Rectifier
SSL22 TSC-SSL22_13 Datasheet
253Kb / 4P
2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
SR220L CHONGQING-SR220L Datasheet
177Kb / 1P
2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS24L CHONGQING-SS24L Datasheet
177Kb / 1P
2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR220 CHONGQING-SR220 Datasheet
179Kb / 1P
2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS22 CHONGQING-SS22 Datasheet
179Kb / 1P
2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com