Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS35 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SS35
Description  3.0AMPS Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS35 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SS35 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS35 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
creat by art
UL Recognized File # E-326243
For surface mounted application
Easy pick and place
Metal to sillicon rectifier, majority carrier conduction
Low power loss, high efficiency
Epitaxial construction
SS3X = Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SS
32
SS
33
SS
34
SS
35
SS
36
SS
39
SS
310
SS
315
SS
320
Unit
VRRM
20
30
40
50
60
90
100
150
200
V
VRMS
14
21
28
35
42
63
70
105
140
V
VDC
20
30
40
50
60
90
100
150
200
V
IF(AV)
A
TJ
OC
TSTG
OC
- 55 to + 125
- 55 to + 150
-
-
10
5
Packaging: 16mm tape per EIA Std RS-481
Note 1: Pluse Test with PW=300 usec, 1% Duty Cycle
0.1
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
mA
Version:E11
0.5
SS32 - SS320
3.0AMPS Surface Mount Schottky Barrier Rectifiers
Marking Diagram
SMC/DO-214AB
Dimensions in inches and (millimeters)
Features
High surge current capability
Weight: 0.21 gram
Type Number
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
High current capability, low VF
OC/W
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 3.0A
TA=25℃
TA=100℃
VF
0.5
0.4
0.75
0.65
0.85
0.70
Typical Thermal Resistance
IR
0.5
V
70
Maximum Reverse Current @ Rated VR TA=25℃
TA=100℃
TA=125℃
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
High temperature soldering:
260℃/10 seconds at terminals
0.95
0.80
Green compound with suffix "G" on packing
code & prefix "G" on datecode
IFSM
100
Polarity: Indicated by cathode band
RθjL
RθjA
17
55
Mechanical Data
Maximum Repetitive Peak Reverse Voltage
Terminals: Pure tin plated, lead free
Maximum RMS Voltage
Maximum DC Blocking Voltage
3.0
Case: JEDEC DO-214AB Molded plastic
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SS35

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS35 ZOWIE-SS35 Datasheet
53Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SS35 SSE-SS35 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS35 FAIRCHILD-SS35 Datasheet
82Kb / 4P
3.0 Ampere Schottky Barrier Rectifiers
logo
General Semiconductor
SS35 GE-SS35 Datasheet
39Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS35 MCC-SS35 Datasheet
354Kb / 2P
3 Amp Schottky Rectifier 20 to 60 Volts
More results

Similar Description - SS35

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A_11 Datasheet
131Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
SK32B TSC-SK32B_11 Datasheet
135Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
SSL32 TSC-SSL32_11 Datasheet
204Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
SK32A TSC-SK32A_13 Datasheet
266Kb / 4P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
SSL32 TSC-SSL32_13 Datasheet
241Kb / 4P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
logo
Formosa MS
SS34L FORMOSA-SS34L Datasheet
418Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifier
logo
Chongqing Pingwei Enter...
S32BF CHONGQING-S32BF Datasheet
181Kb / 2P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
1N5820 CHONGQING-1N5820 Datasheet
177Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
MB340 CHONGQING-MB340 Datasheet
176Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR320 CHONGQING-SR320 Datasheet
179Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com