Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESDC5V0 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TESDC5V0
Description  Bi-directional ESD Protection Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TESDC5V0 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TESDC5V0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TESDC5V0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TESDC5V0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TESDC5V0
Bi-directional ESD Protection Diode
Small Signal Diode
Rating and Characteristic Curves
FIG 2 Pulse Waveform
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (us)
Ambient Tempeatature (
oC)
Reverse Voltage (V)
FIG 4 Typical Junction Capacitance
0
50
100
150
200
250
012
345
0
5
10
15
20
25
0
5
10
15
20
25
30
FIG 5 Clamping Voltage vs. Peak Pulse Current)
Peak Pulse Current (A)
Waveform Parameters:
tr = 8μs, td = 20μs
Waveform Parameters:
tr = 8μs, td = 20μs
FIG 3 Admissible Power Dissipation Curve
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
160
180
0.01
0.1
1
10
0.1
1
10
100
1000
FIG 1 Non-Repetitive Peak Pulse Power vs. Pulse Time
Pulse Duration (us)
f = 1.0MHz
td=Ipp/2
e
-1
Version : B1
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com