Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5404 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N5404
Description  SMALL SIGNAL PNP TRANSISTORS IN TO-5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5404 Datasheet(HTML) 2 Page - Seme LAB

  2N5404 Datasheet HTML 1Page - Seme LAB 2N5404 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VCE =BVCEO VBE = 1.5V
VCE =BVCEO VBE = 1.5V
TC = 150°C
IC = –100mA IB = 0
IC = –100mA IB = 0
VCE = – 50V
IC = 0
VEB = – 4V
IC = 0
IC = – 2A
VCE = – 5V
IC = – 2A
VCE = – 5V
IC = – 2A
IB = – 0.2A
IC = – 2A
IB = – 0.2A
VCB = – 10V
f = 1MHz
VCE = – 5V
IC = – 0.2A
IC = – 2A
IB1 = – IB2 = 0.2A
IC = – 2A
IB1 = – IB2 = 0.2A
IC = – 2A
IB1 = – IB2 = 2A
IC = –2A
IB1 = – IB2 = 2A
IC = –2A
IB1 = – IB2 = 2A
2N5404
2N5405
2N5406
2N5407
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 3075
Issue 1
– 10
– 500
–80
–100
–100
–1
20
60
40
120
–0.6
–1.2
150
40
0.5
0.75
1
0.2
0.3
ICEX
VCEO(SUS)
ICEO
IEBO
hFE
VCE(SAT)
VBE(SAT)
COBO
ft
tr
ts
tf
Collector Cut-Off Current
Collector-Emitter Sustaining Voltage
With Base Open
Collector Cut-Off Current
Common Emitter, Small-Signal Value
of the Short-Circuit Forward Current
Transfer Ratio (f = 1KHz)
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Collector Base Capacitance
Transistion Frequency
Rise Time
Storage time
Fall Time
µA
V
µA
µA
–
V
V
pf
MHz
µ
µ
µ
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
* Pulse test : Pulse Width < 300
µs ,Duty Cycle < 2%
2N5404
2N5406
2N5405
2N5407
2N5404
2N5405
2N5404
2N5405
2N5404
2N5405
2N5406
2N5407
2N5406
2N5407
2N5406
2N5407
DYNAMIC CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com