Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS317CPRO Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS317CPRO
Description  3-Terminal Adjustable Positive Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS317CPRO Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS317CPRO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS317CPRO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS317CPRO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS317CPRO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS317CPRO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS317CPRO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS317CPRO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS317CPRO Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS317CPRO Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TS317
3-Terminal Adjustable Positive Voltage Regulator
2/14
Version: D07
Thermal Performance
Condition
Package type
Symbol
Typ
Unit
Thermal Resistance Junction to Air
TO-220
RΘJA
50
oC/W
TO-263
55
TO-252
100
SOT-223
130
Thermal Resistance Junction to Case
TO-220
RΘJC
5
oC/W
TO-263
5
TO-252
10
SOT-223
15
Electrical Characteristics
(VI -VO = 5.0 V, Io=500mA for TO-220/TO-263 packages, Io=200mA for TO-252/SOT-223 package)
Parameter
Figure
Symbol
Min.
Typ.
Max.
Unit
Reference voltage, 3V ≤ Vi-Vo ≤ 40V
10mA
≤ Io ≤ Imax, Pd ≤ Pmax,
3
Vref
1.20
1.25
1.30
V
Line regulation (Note 3)
Ta = 25
oC, 3V≤Vi-Vo≤40V
1
REGline
--
0.01
0.07
%/V
Load regulation Ta = 25
oC, 10mA ≤ I
O ≤ Imax (Note 2)
VO ≤ 5.0
VO ≥ 5.0
2
REGload
--
--
5.0
0.1
25
0.5
mV
%V
Thermal regulation, Ta = 25
oC (Note 5), 20mS Pulse
REGtherm
--
0.03
0.07
%Vo/W
Adjustment pin current
3
Iadj
--
50
100
uA
Adjustment pin current change, 3V ≤ VI - VO ≤ 40V
10mA ≤ Io ≤ Imax, Pd ≤ Pmax,
1.2
∆Iadj
--
0.2
5.0
uA
Maximum output current, VI - VO ≤ 15V, Pd ≤ Pmax
TO-220 / TO-263 Package
TO-252 / SOT-223 Package
3
Imax
1.5
0.5
--
--
--
--
A
Temperature stability (TLOW ≤ Tj ≤ THIGH)
3
TS
--
1
--
% Vo
Minimum load current to maintain regulation
(VI - VO = 40 V)
3
ILmin
--
3.5
10
mA
RMS Noise, % of VO, Ta =25
oC, 10Hz ≤ f ≤ 10KHz
N
--
0.003
--
% Vo
Ripple Rejection, Vo =10V, f =120Hz (Note 3)
Without Cadj
Cadj = 10uF
4
PSRR
--
66
65
80
--
--
dB
Long-term stability (Note 4), Tj = 125ºC, 1000hrs
3
S
--
0.3
1.0
%
Notes: 1. TLOW to THIGH = 0
oC to +125oC, Pmax is internally limited
2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating
effects must be taken into account separately. Pulse testing with low duty cycle is used.
3. Cadj, when used, is connected between the adjustment pin and ground. Since Long-Term Stability cannot
be measured on each device before shipment, this specification is an engineering estimate of average
stability from lot to lot.
4. Power dissipation within an IC voltage regulator produces a temperature gradient on the die, affecting
individual IC components on the die. These effects can be minimized by proper integrated circuit design and
layout techniques. Thermal Regulation in the effect of these temperature gradients on the output voltage
and is expressed in the percentage of output change per watt of power change in a specified time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com