Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC378 Datasheet(PDF) 2 Page - Seme LAB

Part # BC378
Description  SILICON EPITAXIAL NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BC378 Datasheet(HTML) 2 Page - Seme LAB

  BC378 Datasheet HTML 1Page - Seme LAB BC378 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SILICON EPITAXIAL
NPN TRANSISTOR
BC378
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8890
Issue 1
Page 2 of 2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
ICES
Collector Cut off Current
VBE = 0V
VCE = 30V
15
nA
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = 2mA
IB = 0
25
V(BR)EBO
Emitter-Base Breakdown
Voltage
IE = 10µA
IC = 0
6
VBE(sat)
(1)
Base-Emitter Saturation
Voltage
IC = 500mA
IB = 50mA
1.2
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = 500mA
IB = 50mA
0.7
V
VBE
(1)
Base-Emitter Voltage
IC = 100mA
VCE = 1.0V
740
mV
IC = 100mA
VCE = 1.0V
75
260
hFE
(1)
Forward-current transfer
ratio
IC = 300mA
VCE = 1.0V
35
-
DYNAMIC CHARACTERISTICS
fT
Transition Frequency
IC = 50mA
VCE = 10V
100
MHz
VCB = 10V
IE = 0
Cobo
Output Capacitance
f = 1.0MHz
10
pF
VEB = 0.5V
IC = 0
Cibo
Input Capacitance
f = 1.0MHz
30
pF
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%
MECHANICAL DATA
Dimensions in mm (inches)
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)
TO-18 (TO-206AA) METAL PACKAGE
Underside View
Pin 1 - Emitter
Pin 2 - Base
Pin 3 - Collector



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com