Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDS13 Datasheet(PDF) 2 Page - Seme LAB

Part # BDS13
Description  SILICON PNP EPITAXIAL BASE IN TO220 METAL AND CERAMIC SURFACE MOUNT PACKAGES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDS13 Datasheet(HTML) 2 Page - Seme LAB

  BDS13 Datasheet HTML 1Page - Seme LAB BDS13 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 3255
Issue 3
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
BDS13 BDS13SMD
BDS13SMD05
BDS14 BDS14SMD
BDS14SMD05
BDS15 BDS15SMD
BDS15SMD05
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BDS13
VCB = - 60V
BDS14
VCB = - 80V
BDS15
VCB = - 100V
BDS13
VCE = - 30V
BDS14
VCE = - 40V
BDS15
VCE = - 50V
VEB = - 5V
BDS13
BDS14
IC = - 100mA
BDS15
IC = - 5A
IB = - 0.5A
IC = - 10A IB = - 2.5A
IC = - 10A IB = - 2.5A
IC = - 5A
VCE = - 4V
IC = - 0.5A VCE = - 4V
IC = - 5A
VCE = - 4V
IC = - 10A VCE = - 4V
IC = - 0.5A VCE = - 4V
f = 1MHz
- 500
- 500
- 500
- 1.0
- 1.0
- 1.0
- 1.0
- 60
- 80
- 100
- 1.0
- 3
- 2.5
- 1.5
40
300
15
150
5
3
µA
mA
mA
V
V
V
V
MHz
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
*Pulsed : Pulse duration = 300
µs , duty cycle = 1.5%
Parameter
Test Conditions
Max.
Unit
ton
ts
tr
On Time
(td + tr)
Storage Time
Fall Time
IC = - 4A VCC = - 30V IB1 = - 0.4A
IC = - 4A
VCC = - 30V
IB1 = –IB2 = 0.4A
0.7
1.0
0.8
µs
µs
µs
SWITCHING CHARACTERISTICS
Test Conditions
Max.
Unit
RθJ-C
Thermal Resistance Junction to Case
4.0
°C/W
ICBO
ICEO
IEBO
VCEO(sus)*
VCE(sat)*
VBE(sat)*
VBE*
hFE*
fT
Collector cut-off current
(IE = 0)
Collector cut-off current
(IB = 0)
Emitter cut-off current
(IC = 0)
Collector - Emitter
sustaining voltage (IB = 0)
Collector - Emitter
saturation voltage
Base - Emitter
saturation voltage
Base - Emitter voltage
DC Current Gain
Transition frequency
THERMAL CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com