Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2940CPRO Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS2940CPRO
Description  1A Ultra Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2940CPRO Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2940CPRO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2940CPRO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2940CPRO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2940CPRO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2940CPRO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2940CPRO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2940CPRO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2940CPRO Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2940CPRO Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TS2940
1A Ultra Low Dropout Voltage Regulator
3/10
Version: C07
Application Information
The TS2940 series is a high performance with low dropout voltage regulator suitable for moderate to high current
and voltage regulator application. Its 600mA(typ) dropout voltage at full load and over temperature makes it
especially valuable in battery power systems and as high efficiency noise filters in post regulator applications. Unlike
normal NPN transistor design, where the base to emitter voltage drop and collector to emitter saturation voltage limit
the minimum dropout voltage, dropout performance of the PNP output of these devices is limited only by low Vce
saturation voltage.
The TS2940 series is fully protected from damage due to fault conditions. Linear current limiting is provided. Output
current during overload conditions is constant. Thermal shutdown the device when the die temperature exceeds the
maximum safe operating temperature. Transient protection allows device survival even when the input voltage
spikes above and below nominal. The output structure of these regulators allows voltages in excess of the desired
output voltage to be applied without reverse current flow.
Typical Application Circuit
Output Capacitor
The TS2940 series requires an output capacitor to maintain stability and improve transient response. Proper capacitor
selection is important to ensure proper operation. The output capacitor selection is dependent upon the ESR of the
output capacitor the maintain stability. When the output capacitor is 22uF or greater, the output capacitor should have
an ESR less than 2 ohm. This will improve transient response as well as promoted stability. Ultra low ESR capacitors
(<100mohm), such as ceramic chip capacitors may promote instability. These very low ESR levels may cause an
oscillation and/or under damped transient response. A low ESR solid tantalum capacitor works extremely well and
provides good transient response and stability over temperature. Aluminum electrolytic can also be used, as long as
the ESR of the capacitor is <2ohm. The value of the output capacitor can be increased without limit. Higher
capacitance values help to improved transient response and ripple rejection and reduce output noise.
Minimum Load Current
The TS2940 series is specified between finite loads. If the output current is too small leakage currents dominate and
the output voltage rises. A 10mA minimum load current is necessary for proper regulation.
Input Capacitor
An input capacitor of 1uF or greater is recommended when the device is more that 4 inches away from the bulk AC
supply capacitance or when the supply is a battery. Small and surface mount ceramic chip capacitors can be used for
bypassing. Larger values will help to improve ripple rejection by bypassing the input to the regulator, further improving
the integrity of the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com