Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSV64 Datasheet(PDF) 2 Page - Seme LAB

Part # BSV64
Description  SILICON NPN PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BSV64 Datasheet(HTML) 2 Page - Seme LAB

  BSV64 Datasheet HTML 1Page - Seme LAB BSV64 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max. Unit
Document Number 3086
Issue 1
BSV64
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
IC = 5A
IB = 0.5A
IC = 5A
IB = 0.5A
VCB = 60V
IE = 0
VEB = 4V
IC = 0
VCE = 2V
IC = 5A
IE = Ie = 0VCB =10V
IC = 0.5A
VCE =5V
ICon = 5A; IBon = -IBoff = 0.5A
-VBEoff = 2V
VCEsat
Collector – Emitter Saturation Voltage
VBEsat
Emitter – Base Saturation Voltage
ICBO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
hFE
DC Current Gain
cc
Collector Capacitance at f = 1MHz
fT
Transition Frequency at f = 20MHz
ton
Turn on Time
toff
Turn off time
1
1.8
10
10
25
80
70
100
0.6
1.2
V
µA
—
pF
MHz
µs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com