Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19450CSRL Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19450CSRL
Description  AC/DC WLED Driver with External MOSFET Universal High Brightness
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19450CSRL Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19450CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS19450
AC/DC WLED Driver with External MOSFET
Universal High Brightness
2/8
Version: A10
Electrical Specifications (TA= 25oC, VIN= 12V, unless otherwise noted)
Function Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input
DC Input Voltage Range
VINDC
DC input voltage
8.0
--
450
V
Shut-down Mode Supply Current
IINSD
Pin PWMD to GND
--
0.5
1.0
mA
Internal Regulator
Internally Regulated Voltage
VDD
VIN=8V, IDD(EXT)=0, 500pF at
Gate, RT=226kΩ, PWMD=VDD
7.0
7.5
8.0
V
Line Regulation of VDD
∆VDDLine
VIN=8~450V, IDD(EXT)=0, 500pF at
Gate, RT=226kΩ, PWMD=VDD
0
--
1.0
V
Load Regulation of VDD
∆VDDLoad
IDD(EXT)=0~1mA, 500pF at Gate,
RT=226kΩ, PWMD=VDD
0
--
100
mV
Undervoltage Lockout Threshold
UVLO
VDD rising
6.45
6.7
6.95
V
Undervoltage Lockout Hysteresis
∆UVLO
VDD falling
--
500
--
mV
VDD current available for external
circuitry
VDD (EXT)
VIN=8V~100V
--
--
1.0
mA
Dimming
PWMD Input Low Voltage
VENL
VIN=8V~450V
--
--
1.0
V
PWMD Input High Voltage
VENH
VIN=8V~450V
2.4
--
--
V
PWMD Pull-down resistance at
PWMD
REN
VPWMD=5V
50
100
150
kΩ
Linear Dimming pin voltage
VLD
VIN=12V
0
--
250
mV
Current Sense Comparator
-40ºC < TA < +85ºC
225
250
275
Current Sense Pull-in Threshold
Voltage
VCSTH
TA < +125ºC
213
250
287
mV
Offset Voltage for LD Comparator
VOFFSET
-12
--
12
mV
Current Sense Blanking Interval
TBLANK
VLD=VDD , VCS=0.55VLD
150
215
280
nS
Delay to Output
TDELAY
VIN=12V, VLD=0.15V,
VCS=0~0.22V after TBLANK
--
--
300
nS
Oscillator
RT=1MΩ
20
25
30
Oscillator Frequency
fOSC
RT=223kΩ
80
100
120
kHz
Max. Oscillator PWM Duty Cycle
DMAX
F=25kHz at Gate, CS to GND
--
--
100
%
Gate Driver
Gate Sourcing Current
ISOURCE
VGATE=0V, VDD=7.5V
165
--
--
mA
Gate Sinking Current
ISINK
VGATE=VDD, VDD=7.5V
165
--
--
mA
Gate high output voltage
VGATE(HI)
IOUT=-10mA
VDD-
0.3
--
VDD
V
Gate low output voltage
VGATE(LO)
IOUT=10mA
0
--
0.3
V
Gate output Rise Time
TRISE
CGATE=500pF, 10%~90% VGATE
--
30
50
nS
Gate Output Fall Time
TFALL
CGATE=500pF, 90%~10% VGATE
--
30
50
nS
Note 1: Limited by package power dissipation, whichever is lower
Note 2: VDD load current external to the TS19450
Note 3: Denotes the specifications which apply over the full operating ambient temperature range of -40ºC<TA<+125ºC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com