Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUY47 Datasheet(PDF) 2 Page - Seme LAB

Part # BUY47
Description  HIGH VOLTAGE, HIGH CURRENT SILICON EXPITAXIAL PLANAR NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUY47 Datasheet(HTML) 2 Page - Seme LAB

  BUY47 Datasheet HTML 1Page - Seme LAB BUY47 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BUY47
BUY48
Document Number 3088
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VCB = 80V
BUY47
IE = 0
TC = 125°C
VCB = 100V
BUY48
IE = 0
TC = 125°C
IC = 1mA
BUY47
IE = 0
BUY48
IC = 20mA
BUY47
IB = 0
BUY48
IE = 1mA
IC = 0
IC = 0.5A
IB = 50mA
IC = 2A
IB = 0.2A
IC = 5A
IB = 0.5A
IC = 0.5A
IB = 50mA
IC = 2A
IB = 0.2A
IC = 5A
IB = 0.5A
IC = 50mA
VCE = 5V
IC = 0.5A
VCE = 5V
IC = 2A
VCE = 5V
IC = 5A
VCE = 5V
IC = 100mA
VCE = 10V
IE = 0
VCB = 50V
f = 1MHz
IC = 5A
VCC = 40V
IB1 = –IB2 = 0.5A
10
1
10
1
150
200
120
170
6
0.05
0.45
1
0.8
1.1
1.5
130
40
150
40
130
15
45
90
45
80
1
2
ICBO
Collector Cut-off Current
V(BR)CBO* Collector – Base Breakdown Voltage
VCEO(sus)* Collector – Emitter Sustaining Voltage
VEBO*
Emitter – Base Voltage
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
fT
Transition Frequency
CCBO
Collector – Base Capacitance
ton
Turn–On Time
toff
Fall Time
µA
mA
µA
mA
V
V
V
V
V
—
MHz
pF
µs
ELECTRICAL CHARACTERISTICS
(Tcase = 25°C unless otherwise stated)
NOTES
* Pulse Test: tp = 300µs, δ = 1.5%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com