Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS39154CP4RO Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS39154CP4RO
Description  1.5A Ultra Low LDO with Enable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39154CP4RO Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS39154CP4RO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39154CP4RO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39154CP4RO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39154CP4RO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39154CP4RO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39154CP4RO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39154CP4RO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS39154
1.5A Ultra Low LDO with Enable
2/7
Version: D08
Electrical Characteristics
VIN = VOUT + 1V, VIN =2.5V for fixed reference output voltage, Venable= 2.25V, Ta = 25
oC, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Reference Output Voltage
IL=10mA
0.980|Vo|
1.020|Vo|
Reference Output Voltage
(Note 7)
10mA ≤ IL ≤ 1.5A,
2.5V ≤ VIN ≤ 8V
0.970|Vo|
1.24
(VREF)
1.030|Vo|
V
Line Regulation
IL=10mA, Vo+1V ≤ VIN ≤ 16V
--
0.05
0.5
%
Load Regulation
VIN =Vout+1V, 10mA≤IL≤1.5A
--
0.2
1.0
%
Output Voltage Temp. Coefficient
--
40
100
ppm/
oC
Adjust Pin Bias Current
--
40
120
nA
Adjust Pin Bias Current Temp.
Coefficient (Note 8)
--
0.1
--
nA/
oC
Dropout Voltage (Note 5)
Δ VOUT = -1%
IL=100mA
IL=750mA
IL=1.5A
--
--
--
100
275
400
250
350
700
mV
Quiescent Current (Note 6)
VIN= VOUT +1V
IL=100mA
IL=750mA
IL=1.5A
--
--
--
5
7
25
18
20
--
mA
Current Limited
VOUT=0, VIN =VOUT+1V
1.8
2.0
--
A
Low (OFF)
--
--
0.8
Input Logic Voltage
High (ON)
2.25
--
--
V
VEN =2.25V
--
--
75
Enable Pin Input Current
VEN =0.8V
--
--
4
uA
Thermal Performance
Condition
Symbol
Typ
Unit
Thermal Resistance Junction to Case
RθJC
10
oC/W
Thermal Resistance Junction to Ambient
RθJA
100
oC/W
Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed
specifications and test conditions see the Electrical Characteristics.
Note 2: The device is not guaranteed to operate outside its operating rating.
Note 3: Devices are ESD sensitive. Handling precautions recommended.
Note 4: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junction
to ambient thermal resistance, ӨJA, and the ambient temperature, Ta. Exceeding the maximum allowable
power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The
effective value of ӨJA can be reduced by using a heat sink, Pd(max) = (TJ(max) – Ta) / ӨJA.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops -1% below its
nominal value measured at 1V differential.
Note 6: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the
ground pin current and output load current, IGND = IIN - IOUT for fix output voltage, , IGND = IIN - IOUT +10mA for fix
reference output voltage in full load regulation.
Note 7: VREF ≤ VOUT ≤ (VIN – 1V), 2.25V ≤ VIN ≤ 16V, 10mA ≤ IL ≤ 1.0A.
Note 8: Output voltage temperature coefficient is ΔVOUT (worse cast) / (TJ(max) – TJ(MIN)) where is TJ(max) +125
oC and
TJ(MIN) is 0
oC.
Note 9: For adjustable device and fixed device with VOUT > 2.25V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com