Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT92CSM Datasheet(PDF) 2 Page - Seme LAB

Part # FMMT92CSM
Description  GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

FMMT92CSM Datasheet(HTML) 2 Page - Seme LAB

  FMMT92CSM Datasheet HTML 1Page - Seme LAB FMMT92CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FMMT92CSM
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 5629
Issue 1
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = -100μAIE = 0
IC = -1mA*
IB = 0
IE = -10μAIC = 0
VCB = -200V
IE = 0
VEB = -3V
IE = 0
IC = -20mA
IB = -2mA
IC = -20mA
IB = -2mA
IC = -1mA
VCE = -10V*
IC = -10mA
VCE = -10V*
IC = -30mA
VCE = -10V*
VCE = -20V
IC = -10mA
f = 20MHz
VCB = -20V
f = 1MHz
ELECTRICAL CHARACTERISTICS (T
C = 25°C unless otherwise stated)
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)CEO
Collector - Emitter Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Emitter Saturation Voltage
hFE
Static Forward Current Transfer Ratio
fT
Transition Frequency
Cobo
Output Capacitance
-300
-300
-5
-0.25
-0.1
-0.5
-0.9
25
40
25
50
6
V
V
V
μA
V
MHz
pF
* Pulse Test: Pulse Width = 200
μs, Duty Cycle ≤ 2%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com