Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC5302DCPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSC5302DCPROG
Description  High Voltage NPN Transistor with Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC5302DCPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSC5302DCPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC5302DCPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC5302DCPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC5302DCPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC5302DCPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSC5302DCPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSC5302D
High Voltage NPN Transistor with Diode
1/6
Version: F10
TO-251
(IPAK)
TO-252
(DPAK)
Features
●
Build-in Free-wheeling Diode Makes Efficient Anti-saturation
Operation
●
No Need to Interest an hfe Value Because of Low Variable
Storage-time Spread Even Though Comer Spirit Product.
●
Low Base Drive Requirement
●
Suitable for Half Bridge Light Ballast Application
Structure
●
Silicon Triple Diffused Type
●
NPN Silicon Transistor with Diode
Ordering Information
Part No.
Package
Packing
TSC5302DCP RO
TO-252
2.5Kpcs / 13” Reel
TSC5302DCP ROG
TO-252
2.5Kpcs / 13” Reel
TSC5302DCH C5
TO-251
75pcs / Tube
TSC5302DCH C5G
TO-251
75pcs / Tube
Note: “G” denote for Halogen Free Product
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
700
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
10
V
Collector Current
IC
2
A
Collector Peak Current (tp <5ms)
ICM
4
A
Base Current
IB
1
A
Base Peak Current (tp <5ms)
IBM
2
A
Total Dissipation @ Tc ≤ 25
oC
TO-251
Ptot
1.5
W
TO-252
25
Maximum Operating Junction Temperature
TJ
+150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Case Thermal Resistance
RӨJC
6.25
oC/W
Junction to Ambient Thermal Resistance
RӨJA
100
oC/W
Block Diagram
Pin Definition:
1. Base
2. Collector
3. Emitter
PRODUCT SUMMARY
BVCEO
400V
BVCBO
700V
IC
2A
VCE(SAT)
1.1V @ IC / IB = 1A / 0.25A


Similar Part No. - TSC5302DCPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSC5302DCPROG TSC-TSC5302DCPROG Datasheet
689Kb / 6P
High Voltage NPN Transistor with Diode
More results

Similar Description - TSC5302DCPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSC5301D TSC-TSC5301D Datasheet
277Kb / 5P
High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D_07 Datasheet
306Kb / 6P
High Voltage NPN Transistor with Diode
logo
Unisonic Technologies
5302D UTC-5302D Datasheet
146Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR WITH DIODE
logo
Taiwan Semiconductor Co...
TSC128D TSC-TSC128D_11 Datasheet
214Kb / 6P
High Voltage NPN Transistor with Diode
TSC5301D TSC-TSC5301D_08 Datasheet
402Kb / 5P
High Voltage NPN Transistor with Diode
TSC5304D TSC-TSC5304D_10 Datasheet
212Kb / 6P
High Voltage NPN Transistor with Diode
TSC5304ED TSC-TSC5304ED Datasheet
228Kb / 6P
High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D_14 Datasheet
689Kb / 6P
High Voltage NPN Transistor with Diode
TSC5303D TSC-TSC5303D_14 Datasheet
1Mb / 6P
High Voltage NPN Transistor with Diode
TSC5304ED TSC-TSC5304ED_12 Datasheet
271Kb / 6P
High Voltage NPN Transistor with Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com