Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP120 Datasheet(PDF) 1 Page - Seme LAB

Part # IP120
Description  1.5 AMP NEGATIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP120 Datasheet(HTML) 1 Page - Seme LAB

  IP120 Datasheet HTML 1Page - Seme LAB IP120 Datasheet HTML 2Page - Seme LAB IP120 Datasheet HTML 3Page - Seme LAB IP120 Datasheet HTML 4Page - Seme LAB IP120 Datasheet HTML 5Page - Seme LAB IP120 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IP120 SERIES
IP7900 SERIES
LM120 SERIES
LM7900 SERIES
Document Number 3725
Issue: 2
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Pin 1 – Ground
Pin 2 – VOUT
Case – VIN
K Package – TO–3
Pin 1 – Ground
Pin 2 – VOUT
Case – VIN
R Package – TO–66
12
3
3
12
Pin 1 – Ground
Pin 2 – VIN
Pin 3 – VOUT
SMD Packages
Ceramic Surface Mount
13
2
1.5 AMP
NEGATIVE
VOLTAGE REGULATOR
FEATURES
• OUTPUT VOLTAGE OF -5V, -12V and -15V
• 0.7% / V LINE REGULATION AVAILABLE
• 0.5% / A LOAD REGULATION AVAILABLE
• THERMAL OVERLOAD PROTECTION
• SHORT CIRCUIT PROTECTION
• OUTPUT TRANSISTOR SOA PROTECTION
• 1.0% VOLTAGE TOLERANCE OPTION
(‘A’ VERSIONS)
VI
DC Input Voltage
PD
Power Dissipation
Tj
Operating Junction Temperature Range
Tstg
Storage Temperature
35V
Internally limited
–55 to 150°C
–65 to 150°C
DESCRIPTION
The IP120 / LM120 / IP7900 / LM7900 series of 3 terminal
regulators is available with several fixed output voltage
making them useful in a wide range of applications.
The ‘A’ suffix devices provide 0.7% / V line regulation,
0.5% / A load regulation and ±1.0% output voltage tolerance
at room temperature.
Protection features include Safe Operating Area current
limiting and thermal shutdown.
Pin 1 – Ground
Pin 2 – VIN
Pin 3 – VOUT
Case – VIN
TO–257
TO–220
Isolated Case Option on
IG Package
1 23
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)


Similar Part No. - IP120

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP120 SEME-LAB-IP120 Datasheet
41Kb / 5P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120-05 SEME-LAB-IP120-05 Datasheet
41Kb / 5P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120-12 SEME-LAB-IP120-12 Datasheet
41Kb / 5P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120-15 SEME-LAB-IP120-15 Datasheet
41Kb / 5P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
logo
International Rectifier
IP1201 IRF-IP1201 Datasheet
553Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
More results

Similar Description - IP120

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP120A SEME-LAB-IP120A Datasheet
41Kb / 5P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A Datasheet
110Kb / 6P
1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
Sensitron
SHD526060 SENSITRON-SHD526060 Datasheet
44Kb / 2P
NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
SHD526040 SENSITRON-SHD526040 Datasheet
46Kb / 2P
NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A_1 Datasheet
323Kb / 6P
1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
LM120A-05 SEME-LAB-LM120A-05 Datasheet
56Kb / 3P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
LM7905XE SEME-LAB-LM7905XE Datasheet
28Kb / 3P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com