Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP140ME Datasheet(PDF) 1 Page - Seme LAB

Part # IP140ME
Description  POSITIVE FIXED VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP140ME Datasheet(HTML) 1 Page - Seme LAB

  IP140ME Datasheet HTML 1Page - Seme LAB IP140ME Datasheet HTML 2Page - Seme LAB IP140ME Datasheet HTML 3Page - Seme LAB IP140ME Datasheet HTML 4Page - Seme LAB IP140ME Datasheet HTML 5Page - Seme LAB IP140ME Datasheet HTML 6Page - Seme LAB IP140ME Datasheet HTML 7Page - Seme LAB IP140ME Datasheet HTML 8Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
POSITIVE FIXED
VOLTAGE REGULATOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 2832
Issue 2
Page 1 of 8
IP140ME SERIES
IP140MAE SERIES
IP78M00LCC4 SERIES
IP78M00ALCC4 SERIES
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)
VIN
DC Input Voltage
35V
IO
Output Current
Internally Limited
PD
Power Dissipation
Internally Limited
TJ
Operating Junction Temperature Range
-55 to +150°C
Tstg
Storage Temperature Range
-65 to +150°C
THERMAL PROPERTIES
Symbols
Parameters
Max.
Units
RθJA
Thermal Resistance, Junction To Ambient
120
°C/W
RθJC
Thermal Resistance, Junction To Case
20
°C/W
DESCRIPTION
The IP140M/MA and IP78M00/A series of voltage
regulators are fixed output voltage regulators intended for
local, on-card voltage regulation. These devices are
available in 5, 12 and 15 volt options and are capable of
delivering in excess of 500mA over temperature.
The A-suffix devices are fully specified at 0.5A, provide
0.01%/V line regulation, 0.3%/A load regulation and ±1%
output voltage tolerance at room protection.
FEATURES
•
1% output voltage tolerance.
•
5, 12 and 15V fixed output voltages available.
•
0.01%/V line regulation.
•
0.3%/A load regulation.
•
Thermal overload protection
•
Short-circuit current limit protection.
•
Safe operating area protection
•
Start-up with negative voltage (± supplies) on output.
•
Hermetic Surface Mount Package
•
Screening Options Available


Similar Part No. - IP140ME

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP140M SEME-LAB-IP140M Datasheet
32Kb / 4P
0.5 AMP POSITIVE VOLTAGE REGULATOR
IP140MA SEME-LAB-IP140MA Datasheet
32Kb / 4P
0.5 AMP POSITIVE VOLTAGE REGULATOR
More results

Similar Description - IP140ME

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A Datasheet
96Kb / 7P
POSITIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7815T MICRO-ELECTRONICS-SG7815T Datasheet
112Kb / 7P
POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SG7800A ETC1-SG7800A Datasheet
110Kb / 7P
POSITIVE FIXED VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS7800 TSC-TS7800_07 Datasheet
524Kb / 12P
3-Terminal Fixed Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
IL78L05 KODENSHI-IL78L05 Datasheet
237Kb / 13P
FIXED VOLTAGE REGULATOR (POSITIVE)
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A_1 Datasheet
312Kb / 7P
POSITIVE FIXED VOLTAGE REGULATOR
SG78XXA MICROSEMI-SG78XXA_10 Datasheet
420Kb / 8P
Positive Fixed Voltage Regulator
M3851014103BEA MICROSEMI-M3851014103BEA Datasheet
312Kb / 7P
POSITIVE FIXED VOLTAGE REGULATOR
SG7824AT-883B MICROSEMI-SG7824AT-883B Datasheet
396Kb / 8P
Positive Fixed Voltage Regulator
SG7805K-883B MICROSEMI-SG7805K-883B Datasheet
409Kb / 8P
Positive Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com