Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7905 Datasheet(PDF) 2 Page - Seme LAB

Part # LM7905
Description  1.5 AMP NEGATIVE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM7905 Datasheet(HTML) 2 Page - Seme LAB

  LM7905 Datasheet HTML 1Page - Seme LAB LM7905 Datasheet HTML 2Page - Seme LAB LM7905 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LM120A-05
LM120-05
LM7905A
LM7905
Document Number 2643
Issue: 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
LM7905A
LM7905 , LM120–05
LM120A–05
LM120–05
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
-4.9
-5
-5.1
-4.8
-5.2
325
350
125
250
25
100
25
100
1
1.9
12
0.2
0.4
0.2
0.5
100
54
54
1.4
5
0.6
1.2
2.4
3.3
0.2
-7.3
-4.95
-5
-5.05
-4.85
-5.15
310
310
14
112
25
35
25
35
1
1.9
12
0.2
0.4
0.2
0.5
100
58
58
1.4
5
0.6
1.2
2.4
3.3
0.2
-7.3
V
mV
mV
mA
mA
mV
dB
V
m
W
A
mV
°C
V
Output Voltage
Line Regulation
Load Regulation
Quiescent Current
Quiescent Current
Change
Output Noise
Voltage
Ripple Rejection
Dropout Voltage
Output Resistance
Short Circuit
Current
Peak Output
Current Average
Temperature
Coefficient of VO
Input Voltage required to
maintain line regulation
IO = 500mA
VIN = -10V
IO = 5mA to IMAX
VIN = -7.5V to -20V
PD £ PMAX
TJ = -55 to 150°C
VIN = -7V to -25V
IO = 0.5 IMAX
VIN = -7.5V to -20V
TJ = -55 to 150°C
VIN = -8V to -12V
IO £ IMAX
TJ = -55 to 150°C
IO = 5mA to 1.5A
VIN = -10V
IO = 5mA to IMAX
TJ = -55 to 150°C
IO £ 0.5 IMAX
VIN = -10V
TJ = -55 to 150°C
IO = 5mA to IMAX
VIN = -10V
TJ = -55 to 150°C
f = 10Hz to 100kHz
VIN = -10V
f = 120Hz
IO £ IMAX
VIN = -8V to -18V
IO £ 0.5 IMAX
TJ = -55 to 150°C
IO = IMAX
f = 1 kHz
VIN = -35V
VIN = -10V
IO = 5mA
IO £ IMAX
1) All characteristics are measured with a capacitor across the input of 0.22
mF and a capacitor across the output of 0.1mF.
All characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tp £ 10ms, d£ 5%). Output
voltage changes due to changes in internal temperature must be taken into account separately.
2) Test Conditions unless otherwise stated:PMAX = 10W for SMD , PMAX = 20W for all other package devices
IMAX = 1.0A , TJ = 25°C
VO
DVO
DVO
IQ
DIQ
VN
DVIN
DVO
RO
Isc
Ipk



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com