Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MG9410-R Datasheet(PDF) 1 Page - Seme LAB

Part # MG9410-R
Description  SILICON EPITAXIAL PLANAR PNP TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

MG9410-R Datasheet(HTML) 1 Page - Seme LAB

  MG9410-R Datasheet HTML 1Page - Seme LAB MG9410-R Datasheet HTML 2Page - Seme LAB MG9410-R Datasheet HTML 3Page - Seme LAB MG9410-R Datasheet HTML 4Page - Seme LAB MG9410-R Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SILICON EPITAXIAL
PLANAR PNP TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com Website:
http://www.semelab-tt.com
Document Number 9097
Issue 2
Page 1 of 5
MG9410, MG9410-R
TO-3P Plastic Package
Complimentary NPN – MG6330
Designed specifically for audio power amplifier applications
High Current audio bipolar with wide Safe Operating Area
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
MG9410
MG9410-R
VCBO
Collector – Base Voltage
-230V
-260V
VCEO
Collector – Emitter Voltage
-230V
-260V
VEBO
Emitter – Base Voltage
-5V
IC
Continuous Collector Current
-15A
IB
Base Current
-4A
PD
Total Power Dissipation at
TA = 25°C
200W
TJ
Maximum Junction Temperature
150°C
Tstg
Storage Temperature Range
-55 to +150°C
THERMAL PROPERTIES
Symbols
Parameters
Min.
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction To Case
0.63
°C/W


Similar Part No. - MG9410-R

ManufacturerPart #DatasheetDescription
logo
Seme LAB
MG9411 SEME-LAB-MG9411 Datasheet
568Kb / 5P
SILICON EPITAXIAL PNP TRANSISTOR
MG9411-R SEME-LAB-MG9411-R Datasheet
568Kb / 5P
SILICON EPITAXIAL PNP TRANSISTOR
More results

Similar Description - MG9410-R

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com