Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMLA42CSM Datasheet(PDF) 2 Page - Seme LAB

Part # SMLA42CSM
Description  SILICON NPN HIGH VOLTAGE TRANSISTOR IN CERAMIC SURFACE MOUNT PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SMLA42CSM Datasheet(HTML) 2 Page - Seme LAB

  SMLA42CSM Datasheet HTML 1Page - Seme LAB SMLA42CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMLA42CSM
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 100µAIE = 0
IC = 1mA
IB = 0*
IE = 100µAIC = 0
VCB = 200V
IE = 0
VEB = 6V
IC = 0
IC = 20mA
IB = 2mA
IC = 20mA
IB = 2mA
IC = 1mA
VCE = 10V*
IC = 10mA
VCE = 10V*
IC = 30mA
VCE = 10V*
IC = 10mA
VCE = 20V
f = 20MHz
VCB = 20V
IE = 0
f = 1MHz
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Collector - Base
breakdown voltage
Collector - Emitter
breakdown voltage
Emitter - Base
breakdown voltage
Collector cut-off current
Emitter cut-off current
Collector - Emitter
saturation voltage
Base - Emitter
saturation voltage
DC Current gain
Transition frequency
Output capacitance
300
300
6
0.1
0.1
0.5
0.9
25
40
40
50
6
V
V
V
µA
µA
V
V
—
MHz
pF
* Pulse test tp = 200µs , δ = 2%
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
IEBO
VCE(sat)
VBE(sat)
hFE
fT
Cob
Document Number 5668
Issue: 2
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is
believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its
use. Semelab encourages customers to verify that datasheets are current before placing orders.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com