Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP5508 Datasheet(PDF) 2 Page - Seme LAB

Part # STP5508
Description  HIGH POWER NPN SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

STP5508 Datasheet(HTML) 2 Page - Seme LAB

  STP5508 Datasheet HTML 1Page - Seme LAB STP5508 Datasheet HTML 2Page - Seme LAB STP5508 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HIGH POWER NPN SILICON
TRANSISTOR
STP5508
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8758
Issue 1
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = 10mA
120
V
ICEO
Collector Cut-Off Current
VCE = 60V
IB = 0
50
VCE = 140V
VBE(off) = 1.5V
10
µA
ICEX
Collector Cut-Off Current
TC = 150 °C
1.0
mA
IEBO
Emitter Cut-Off Current
VEB = 6V
IC = 0
100
µA
IC = 20A
IB = 2.0A
1.0
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = 50A
IB = 10A
3
IC = 20A
IB = 2.0A
1.8
VBE(sat)
(1)
Base-Emitter Saturation
Voltage
IC = 50A
IB = 10A
3.5
VBE(on)
(1)
Base-Emitter On Voltage
IC = 20A
VCE = 4V
1.8
V
IC = 1.0A
VCE = 4V
50
IC = 20A
VCE = 4V
50
120
hFE
(1)
Forward-current transfer
ratio
IC = 50A
VCE = 4V
10
-
DYNAMIC CHARACTERISTICS
hfe
Magnitude of common
emitter small-signal short-
circuit forward current
transfer ratio
IC = 1.0A
f = 10MHz
VCE = 10V
1
-
VCB = 10V
IE = 0
Cobo
Output Capacitance
f = 1.0MHz
600
pF
tr
Rise Time
0.35
ts
Storage Time
1.1
µS
tf
Fall Time
VCC = 80V
IC = 20A
IB1 = IB2 = 2A
0.25
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com