Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3JB Datasheet(PDF) 1 Page - Micro Commercial Components

Part # S3JB
Description  3.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S3JB Datasheet(HTML) 1 Page - Micro Commercial Components

  S3JB Datasheet HTML 1Page - Micro Commercial Components S3JB Datasheet HTML 2Page - Micro Commercial Components S3JB Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S3AB
THRU
S3MB
3.0 Amp Glass
Passivated Rectifier
50 to 1000 Volts
Features
Low forward voltage drop and high current capability
Maximum Ratings
Terminals: Solder Plated Terminal – Solderable per MIL-STD-202,
Method 208
Polarity: Cathode Band
Weight: 0.093 grams (approx)
Electrical Characteristics @ 25OC Unless Otherwise Specified
Average Forward
Current
IO
3.0A
TT = 75
OC
Peak Forward Surge
Current
IFSM
100A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.15V
IFM = 3.0A;
TJ = 25
OC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10uA
250uA
TJ = 25
OC
TJ = 125
OC
Typical Junction
Capacitance
CJ
40pF
Measured at
1.0MHz, VR=4.0V
0.050”
0.106
0.083”
SUGGESTED SOLDER
PAD LAYOUT
DO-214AA
(SMB) (LEAD FRAME)
A
B
D
C
E
F
G
H
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.160
.185
4.06
4.70
B
.130
.155
3.30
3.94
C
.006
.012
0.15
0.31
D
..030
.060
0.76
1..52
E
.200
.220
5.08
5.59
F
.079
.103
2.01
2.62
G
.075
.087
1.91
2.21
H
.002
.008
0.05
0.203
MCC
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
S3AB
S3AB
50V
35V
50V
S3BB
S3BB
100V
70V
100V
S3DB
S3DB
200V
140V
200V
S3GB
S3GB
400V
280V
400V
S3JB
S3JB
600V
420V
600V
S3KB
S3KB
800V
560V
800V
S3MB
S3MB
1000V
700V
1000V
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Glass passivated die construction
Surge overload rating to 100A peak
Ideally suited for automatic assembly
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - S3JB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3JB DIODES-S3JB Datasheet
48Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
List of Unclassifed Man...
S3JB ETC1-S3JB Datasheet
67Kb / 2P
3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Won-Top Electronics
S3JB WTE-S3JB Datasheet
45Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S3JB TSC-S3JB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3JB TSC-S3JB Datasheet
143Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
More results

Similar Description - S3JB

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4001 MCC-DL4001 Datasheet
79Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP Datasheet
80Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
GP30A MCC-GP30A Datasheet
80Kb / 3P
3.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
RL201GP MCC-RL201GP Datasheet
83Kb / 3P
2 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP_13 Datasheet
493Kb / 4P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
S3AB-TP MCC-S3AB-TP Datasheet
738Kb / 3P
3.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
TBS30A MCC-TBS30A Datasheet
354Kb / 3P
3.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
TBSL30A MCC-TBSL30A Datasheet
441Kb / 3P
3.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GS2AFL MCC-GS2AFL Datasheet
991Kb / 3P
2.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
S3AB MCC-S3AB_17 Datasheet
253Kb / 4P
3.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com