Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST4401 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMST4401
Description  NPN Small Signal Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMST4401 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMST4401 Datasheet HTML 1Page - Micro Commercial Components MMST4401 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMST4401
NPN Small Signal
Transistors
Features
•
Power dissipation: 200mW (Tamb=25 )
•
Collector current: 0.6A
•
Marking : K3X
•
Operating and Storage junction temperature range
-55
to + 150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS (2)
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1.0mAdc, IB=0)
40
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc, IE=0)
60
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=100uAdc, IC=0)
6.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=35Vdc, IE=0Vdc)
---
0.1
µAdc
ICEO
Collector Cutoff Current
(VCE=35Vdc, IB=0Vdc)
---
0.1
µAdc
IEBO
Emitter Cutoff Current
(VEB=5Vdc, IC=0Vdc)
---
0.1
µAdc
hFE
DC Current Gain
(IC=150mAdc, VCE=1.0Vdc)
(IC=500mAdc, VCE=2.0Vdc)
100
40
300
---
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=150mAdc, IB=15mAdc)
---
0.4
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=150mAdc, IB=15mAdc)
---
0.95
Vdc
fT
Current Gain-Bandwidth Product
(VCE=10Vdc, IC=20mAdc, f=100MHz)
250
---
MHz
Cob
Output Capacitance
(VCB=10Vdc, f=1.0MHz, IE=0)
---
6.5
pF
td
Delay Time
tr
Rise Time
VCC=30V,IC=150uA,
VBE(off)=2V,IB1=15mA
---
---
15
20
ns
ns
ts
Storage Time
tf
Fall Time
VCC=30V, IC=150mA,
IB1=IB2=15mA
---
---
225
30
ns
ns
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.079
.087
2.00
2.20
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.012
.016
.30
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
TM
Micro Commercial Components
E
B
C
www.mccsemi.com
1 of 2
mm
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1


Similar Part No. - MMST4401

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMST4401 TRSYS-MMST4401 Datasheet
194Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Rohm
MMST4401 ROHM-MMST4401 Datasheet
80Kb / 3P
NPN Medium Power Transistor
logo
Diodes Incorporated
MMST4401 DIODES-MMST4401 Datasheet
58Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30084 Rev. 3P-1
logo
Rohm
MMST4401 ROHM-MMST4401 Datasheet
88Kb / 4P
NPN Medium Power Transistor (Switching)
logo
Diodes Incorporated
MMST4401 DIODES-MMST4401 Datasheet
449Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30084 Rev. 8 - 2
More results

Similar Description - MMST4401

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5320 STMICROELECTRONICS-2N5320 Datasheet
67Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-1997
logo
General Semiconductor
2N3904 GE-2N3904 Datasheet
112Kb / 3P
SMALL SIGNAL TRANSISTORS NPN
2N4124 GE-2N4124 Datasheet
210Kb / 5P
Small Signal Transistors (NPN)
BC337 GE-BC337 Datasheet
224Kb / 5P
Small Signal Transistors (NPN)
BC546 GE-BC546 Datasheet
263Kb / 6P
Small Signal Transistors (NPN)
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
Small Signal Transistors (NPN)
logo
STMicroelectronics
BC847C STMICROELECTRONICS-BC847C Datasheet
57Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-2002
logo
Micro Commercial Compon...
DMMT3904 MCC-DMMT3904 Datasheet
217Kb / 4P
NPN Small Signal Transistors
MMST3904 MCC-MMST3904 Datasheet
78Kb / 3P
NPN Small Signal Transistors
MMST5551 MCC-MMST5551_13 Datasheet
235Kb / 2P
NPN Small Signal Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com