Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V3A-1KB Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # V3A-1KB
Description  Manual Swipe Magnetic Card Reader
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V3A-1KB Datasheet(HTML) 2 Page - Omron Electronics LLC

  V3A-1KB Datasheet HTML 1Page - Omron Electronics LLC V3A-1KB Datasheet HTML 2Page - Omron Electronics LLC V3A-1KB Datasheet HTML 3Page - Omron Electronics LLC V3A-1KB Datasheet HTML 4Page - Omron Electronics LLC V3A-1KB Datasheet HTML 5Page - Omron Electronics LLC V3A-1KB Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
V3A
V3A
2
J
TYPICAL APPLICATIONS
· Point-of Sale (POS) systems
· ID card checkers
· Club membership
· Access management
· Remote terminals for computers
Specifications
Part Number
V3A-jj
Recommended card type
Magnetic card
ISO 7810, 7811/1-6
Recording method
FM decoding (F2F)
Card feeding speed
10 to 120 cm/second (10 to 100 cm/sec triple track)
Service life of magnetic head
300,000 passes
Operating power supply
+5 VDC ±10%
Current consumption
Single track
3 mA typical, 5 mA maximum
Current consumption
Dual track
6 mA typical, 10 mA maximum
Triple track
9 mA typical, 15 mA maximum
Mounting location
Indoors—away from direct sunlight or wet, humid environment
Ambient temperature
Operation
--10_ to 55_C (14_F to 131_F)
Ambient temperature
Storage
--30_ to 70_C (--22_F to 158_F)
Ambient humidity
Operation
30% to 85% RH
Ambient humidity
Storage
20% to 90% RH
Vibration
10 to 150 Hz, single vibration width of 0.15 mm
Shock
Peak acceleration 19.6 m/sec2
Dimensions
With cover
90 W x 26.5 H x 28 D mm (3.54 W x 1.04 H x 1.10 D in)
Dimensions
Without cover
90 W x 24 H x 24 D mm (3.54 W x 0.94 H x 0.94 D in)
Weight
Approx. 45g with cover (30g without cover)
Engineering Data
J
INPUT CIRCUIT DIAGRAM
J
OUTPUT CIRCUIT DIAGRAM
Input
R1
+5 VDC
0V
R1: 100 k¦p
DC+5 V
0V
Output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com