Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP4048N3M Datasheet(PDF) 1 Page - Emerson Network Power

Part # DP4048N3M
Description  40 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DP4048N3M Datasheet(HTML) 1 Page - Emerson Network Power

  DP4048N3M Datasheet HTML 1Page - Emerson Network Power DP4048N3M Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 9.23.09_75
DP40
 of 2
Embedded Power for
Business-Critical Continuity
DP40
40 Watts
Special Features
•MedicalandITEsafeties
•UniversalACinput
•Fullyregulatedoutput
•Overloadandshortcircuit
protection
•Constantvoltage
•Highefficiency
•HighMTBF
•IEC320ACinputreceptacle
3pin(typeC14)
2pin(typeC8)
•BuiltinEMIfilter
(CISPR22ClassB)
•LEDpowergoodindicator
•Inputpower<49watts
•ComplieswithEN61000-3-2
•MeetsEnergyStar2.0
•WEEE&CeCIVcompliant
•CEMarkEMC&LVD
•Lessthan300mWNo-Load
power consumption
Total Power:
40 Watts
Input Voltage:
90-264VAC
127-300VDC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange:
90-264Vac(widerange)
127-300Vdc
Frequency:
47-63Hz
Inrushcurrent:
<50A@230Vac,coldstart@25°C
Inputcurrent:
<0.5Arms@115Vac;<0.25A@230Vac
Efficiency:
84%@fullloadtypical,@115Vac
EMI/RFI:
FCCPart15,SubpartBClassB&EN55022(CISPR22)ClassB
Safetyground
leakagecurrent:
300µA@50/60Hz,264Vacinputfor3pinmodel
100µA@50/60Hz,264Vacinputfor2pinmodel
Output
MaximumPower(Po):
40 W
Hold-uptime:
10ms.typicalatfullload@115Vac
Overvoltageprotection: 20%-45%abovenominaloutputmaximum
Latchingtype,recycleACtoreset.
Overloadprotection:
Outputshortcircuitprotectionautorecover
Overloadprotected@110-160%abovepeakrating
Cable/connector:
1.2mDCcablewith2.5mmI.D,5.5mmO.Dcenterplug
DCplugcenter+v
DCplugouter-v
Operatingtemperature: 0°to+40°Cambient.Derateeachoutputas2.5%perdegreefrom
40°Cto60°C.-20°Cstartup
Storagetemperature:
-40°Cto+85°C
Electromagnetic
susceptibility:
DesignedtomeetEN61000-4,-2,-3,-4,-5,-6,-8,-11,Level3
Humidity:
Operating;non-condensing10%to90%RH
Vibration:
Threeorthogonalaxes,3sweepsperaxeat1oct/min.2Gpeak8Hz
to500Hz,operational
MTBFdemonstrated:
>550,000hoursatfullloadand25°Cambientconditions
EnvironmentalSpecifications
UL
60950-1,60601-1
cUL
60950-1,60601-1
TUV 60950-1,60601-1
CE
EMC&LVD
CB
Certificate and report
CCC ChinaApproval
•
•
•
•
•
•


Similar Part No. - DP4048N3M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DP4048N3M ARTESYN-DP4048N3M Datasheet
516Kb / 2P
DP40 40 Watts
DP4048N3M ARTESYN-DP4048N3M Datasheet
516Kb / 2P
DP40 40 Watts
DP4048N3M ARTESYN-DP4048N3M Datasheet
516Kb / 2P
Medical and ITE safeties
More results

Similar Description - DP4048N3M

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC12 ASTEC-APC12 Datasheet
183Kb / 2P
40 Watts
LPS40 ASTEC-LPS40 Datasheet
84Kb / 3P
40 Watts
LPS40-M ASTEC-LPS40-M Datasheet
83Kb / 3P
40 Watts Medical
LPT40 ASTEC-LPT40 Datasheet
82Kb / 3P
40 Watts
LPT40-M ASTEC-LPT40-M Datasheet
81Kb / 3P
40 Watts
SA40-1313 ASTEC-SA40-1313 Datasheet
513Kb / 2P
40 Watts
logo
Power-One
BLP40-1005 POWER-ONE-BLP40-1005 Datasheet
118Kb / 5P
40 Watts
logo
Anaren Microwave
250250-4X50-2 ANAREN-250250-4X50-2 Datasheet
309Kb / 2P
40 Watts
logo
Artesyn Technologies
DP4009N3M ARTESYN-DP4009N3M Datasheet
516Kb / 2P
DP40 40 Watts
DP4048N2M ARTESYN-DP4048N2M Datasheet
516Kb / 2P
DP40 40 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com