Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBLS102G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # DBLS102G
Description  Single Phase 1.0AMP. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DBLS102G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  DBLS102G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DBLS102G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326854
Glass passivated junction
High surge current capability
Mechanical Data
DBLS10XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
DBLS
101G
DBLS
102G
DBLS
103G
DBLS
104G
DBLS
105G
DBLS
106G
DBLS
107G
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
IFSM
A
Cj
pF
TJ
OC
TSTG
OC
Notes 2: Mounted On P.C.B. with 2" x 2" (5 x 5mm) Copper Pads.
Type Number
Maximum Average Forward Rectified Current @TA=40℃
- 55 to + 150
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
Version:H11
V
Single Phase 1.0AMP. Glass Passivated Bridge Rectifiers
Features
Ideal for printed circuit board
Weight: 0.36 grams
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Case: Molded plastic body
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
DBLS101G - DBLS107G
Marking Diagram
DBLS
High temperature soldering guaranteed:
260℃/ 10 seconds at 5lbs., (2.3kg) tension
Reliable low cost construction utilizing molded
plastic technique
RθjA
RθjL
40
15
Typical Thermal Resistance (Note 2)
Maximum Instantaneous Forward Voltage (Note 1)
@1.0A
VF
1.1
Maximum DC Reverse Current
@TA=25℃
at Rated DC Block Voltage
@ TA=125 ℃
IR
Maximum DC Blocking Voltage
40
30
Notes 1: Pulse Test with PW=300 usec, 1% Duty Cycle
OC/W
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208
Dimensions in inches and (millimeters)
Typical Junction Capabitance
25
10
500
1
uA
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - DBLS102G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DBLS102G LUGUANG-DBLS102G Datasheet
204Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBLS102G TSC-DBLS102G Datasheet
199Kb / 4P
Glass Passivated Bridge Rectifiers
DBLS102G TSC-DBLS102G Datasheet
208Kb / 4P
1A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Zibo Seno Electronic En...
DBLS102G ZSELEC-DBLS102G Datasheet
73Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DBLS102G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
DF005G JGD-DF005G Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
DB101 YANGJIE-DB101 Datasheet
264Kb / 2P
SINGLE PHASE 1.0AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
ABS2 TSC-ABS2_11 Datasheet
338Kb / 2P
Single Phase 1.0AMP Glass Passivated Bridge Rectifiers
DBL101G TSC-DBL101G Datasheet
131Kb / 2P
Single Phase 1.0AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
KBP101G LUGUANG-KBP101G Datasheet
178Kb / 2P
Single Phase 1.0AMP. Glass Passivatec Bridge Rectifiers
logo
Taiwan Semiconductor Co...
ABS2 TSC-ABS2_13 Datasheet
287Kb / 4P
Single Phase 1.0AMP Glass Passivated Bridge Rectifiers
logo
Sangdest Microelectroni...
DB101 SMC-DB101 Datasheet
123Kb / 4P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
RMB1FU DYELEC-RMB1FU Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1MU DYELEC-RMB1MU Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1SU DYELEC-RMB1SU_17 Datasheet
1Mb / 3P
SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com