Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB62F Datasheet(PDF) 1 Page - Micro Commercial Components

Part # PB62F
Description  6 Amp Fast Recovery Bridge Rectifier 200 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

PB62F Datasheet(HTML) 1 Page - Micro Commercial Components

  PB62F Datasheet HTML 1Page - Micro Commercial Components PB62F Datasheet HTML 2Page - Micro Commercial Components PB62F Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PB62F
6 Amp Fast
Recovery Bridge
Rectifier 200 Volts
PB-6
Features
•
Low Forward Voltage
•
Any Mounting Position
•
Silver Plated Copper Leads
•
Surge Overload Rating Of 150 Amps
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
PB62F
PB62F
200V
140V
200V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6.0A
TJ = 50
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.30V
IFM = 3.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1 mA
TJ = 25
°C
TJ = 100
°C
B
C
E
D
A
AC
+
-
A
AC
G
www.mccsemi.com
Maximum Reverse
Recovery Time
PB62F
Trr
200ns
IF=0.5A, IR=1.0A,
Irr=0.25A
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
"
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.578
.618
14.69
15.71
2PL
B
.230
.270
5.84
6.86
C
.750
---
19.10
---
D
.405
.444
10.30
11.30
2PL
E
.038
.042
0.97
1.07
4PL/TYP
G
.145
---
3.70
---
∅
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: 3
2003/04/30
TM
Micro Commercial Components


Similar Part No. - PB62F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PB62F MCC-PB62F_13 Datasheet
352Kb / 4P
6 Amp Fast Recovery Bridge Rectifier 200 Volts
More results

Similar Description - PB62F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
RKBPC6005 FUJI-RKBPC6005 Datasheet
795Kb / 1P
6 AMP FAST RECOVERY BRIDGE RECTIFIER
logo
Micro Commercial Compon...
1N4942 MCC-1N4942 Datasheet
81Kb / 3P
1 Amp Fast Recovery Rectifier 200 to 1000 Volts
ESDB101 MCC-ESDB101 Datasheet
83Kb / 3P
1 Amp Single Phase Fast Recovery Bridge Rectifier 50 to 200 Volts
logo
Solid States Devices, I...
SPD5615 SSDI-SPD5615 Datasheet
183Kb / 2P
1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4942 CHENYI-1N4942 Datasheet
51Kb / 3P
1 Amp Fast Recovery Rectifier 200 to 1000 Volts
logo
Micro Commercial Compon...
TFR602G MCC-TFR602G Datasheet
1Mb / 2P
6 Amp Fast Recovery Rectifier 120 Volts
FR6J MCC-FR6J_13 Datasheet
249Kb / 4P
6 Amp Fast Recovery Rectifier 600 Volts
FR6J-TP MCC-FR6J-TP Datasheet
249Kb / 4P
6 Amp Fast Recovery Rectifier 600 Volts
SLMB2S MCC-SLMB2S Datasheet
335Kb / 3P
1.0 Amp Super Fast Recovery Bridge Rectifier 200 to 600 Volts
PB62F MCC-PB62F_13 Datasheet
352Kb / 4P
6 Amp Fast Recovery Bridge Rectifier 200 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com