Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBLS201G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # DBLS201G
Description  Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DBLS201G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  DBLS201G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DBLS201G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File #E-326854
Glass passivated junction
Ideal for printed circuit board
High surge current capability
Small size, simple installation
Mechanical Data
DBLS20XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
DBLS
201G
DBLS
202G
DBLS
203G
DBLS
204G
DBLS
205G
DBLS
206G
DBLS
207G
DBLS
208G
DBLS
209G
Unit
VRRM
50
100
200
400
600
800
1000 1200 1400
V
VRMS
35
70
140
280
420
560
700
840
980
V
VDC
50
100
200
400
600
800
1000 1200 1400
V
TJ
OC
TSTG
OC
2.0
A
Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
High temperature soldering guaranteed:
260℃/ 10 seconds at 5lbs., (2.3kg) tension
Notes 2: Mounted on P.C.B. with 0.4" x 0.4" (10mm x 10 mm) Copper Pads
10
500
40
15
- 55 to + 150
- 55 to + 150
Notes 1: Pulse Test with PW=300 usec, 1% Duty Cycle
RθjA
RθjL
Case: Molded plastic body
Type Number
Operating Temperature Range
Storage Temperature Range
Version:E11
OC/W
Typical Thermal Resistance (Note 2)
Maximum DC Reverse Current
@TA=25℃
at Rated DC Block Voltage
@ TA=125 ℃
DBLS201G - DBLS209G
Marking Diagram
DBLS
V
Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
Features
Weight: 0.36 grams
Reliable low cost construction utilizing molded
plastic technique
Maximum Instantaneous Forward Voltage (Note 1)
@2.0A
VF
IR
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
IF(AV)
1.15
Dimensions in inches and (millimeters)
uA
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208
1.30
Maximum DC Blocking Voltage
50
A
Maximum Average Forward Rectified Current
@TA=40℃
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - DBLS201G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DBLS201G LUGUANG-DBLS201G Datasheet
135Kb / 2P
Single Phase2.0 AMP. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBLS201G TSC-DBLS201G Datasheet
216Kb / 4P
Glass Passivated Bridge Rectifiers
logo
Zibo Seno Electronic En...
DBLS201G ZSELEC-DBLS201G Datasheet
73Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
DBLS201G TSC-DBLS201G_15 Datasheet
216Kb / 4P
Glass Passivated Bridge Rectifiers
DBLS201G TSC-DBLS201G_16 Datasheet
204Kb / 4P
2A, 50V - 1400V Glass Passivated Bridge Rectifiers
More results

Similar Description - DBLS201G

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GBP2005 YANGJIE-GBP2005 Datasheet
272Kb / 2P
SINGLE PHASE 2.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
DBL201G TSC-DBL201G_11 Datasheet
133Kb / 2P
Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
GBL201 TSC-GBL201_11 Datasheet
137Kb / 2P
Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
D2SB05 TSC-D2SB05_10 Datasheet
124Kb / 2P
Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
UR2KB60 TSC-UR2KB60_11 Datasheet
212Kb / 2P
Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
logo
Chongqing Pingwei Enter...
RL201G CHONGQING-RL201G_16 Datasheet
178Kb / 1P
2.0AMPS .GLASS PASSIVATED RECTIFIERS
logo
Surge Components
2W005 SURGE-2W005 Datasheet
410Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
GBU4005 SURGE-GBU4005 Datasheet
470Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
DB101S YIXIN-DB101S Datasheet
116Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com