Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # R2000
Description  500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

R2000 Datasheet(HTML) 1 Page - Micro Commercial Components

  R2000 Datasheet HTML 1Page - Micro Commercial Components R2000 Datasheet HTML 2Page - Micro Commercial Components R2000 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R1200
THRU
R2000
500 Milliamp
High Voltage
Silicon Rectifier
1200 to 2000 Volts
Features
•
Low Cost
•
High Current Capability
•
High Voltage
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
R1200
R1200
1200V
840V
1200V
R1500
R1500
1500V
1050V
1500V
R1800
R1800
1800V
1260V
1800V
R2000
R2000
2000V
1400V
2000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
500mA
TA = 50
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
R1200-R1800
R2000
VF
2.0V
3.0V
IFM = 0.5A;
TA = 50
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
50
µA
TA = 25
°C
TA = 100
°C
Typical Junction
Capacitance
CJ
30pF
Measured at
1.0MHz, VR=4.0V
DO-41
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
•
Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - R2000

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
R2000 ZOWIE-R2000 Datasheet
41Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Rectron Semiconductor
R2000 RECTRON-R2000 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
logo
Bytes
R2000 BYTES-R2000 Datasheet
145Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Dc Components
R2000 DCCOM-R2000 Datasheet
330Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE SILICON RECTIFIER
logo
Diodes Incorporated
R2000 DIODES-R2000 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
More results

Similar Description - R2000

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
R1200 MCC-R1200 Datasheet
72Kb / 2P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
R1200F MCC-R1200F Datasheet
72Kb / 2P
500 Milliamp High Voltage Fast Recovery Silicon Rectifier 1200 to 2000 Volts
RM1200E MCC-RM1200E Datasheet
71Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
logo
Shanghai Lunsure Electr...
R1200 CHENYI-R1200 Datasheet
42Kb / 2P
500Milliamp high voltage silicon rectifier 1200 to 2000 volts
logo
Micro Commercial Compon...
RM1200E MCC-RM1200E_11 Datasheet
244Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
R1200F MCC-R1200F_11 Datasheet
219Kb / 3P
500 Milliamp High Voltage Fast Recovery Silicon Rectifier 1200 to 2000 Volts
RM2000E-TP MCC-RM2000E-TP Datasheet
244Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
R2000F-TP MCC-R2000F-TP Datasheet
219Kb / 3P
500 Milliamp High Voltage Fast Recovery Silicon Rectifier 1200 to 2000 Volts
RM1200E MCC-RM1200E_15 Datasheet
265Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
R1200 MCC-R1200_13 Datasheet
251Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com