Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESH2BA Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ESH2BA
Description  1.0AMPS Surface Mount Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ESH2BA Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ESH2BA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ESH2BA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
Glass passivated junction chip
For surface mounted application
Low profile package
Built-in strain rellef
Ideal for automated placement
Easy pick and place
Super fast recovery time for high efficiency
Qualified as per AEC-Q101
ESH2XA
= Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Trr
nS
Cj
pF
TJ
OC
TSTG
OC
25
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load
IFSM
50
Maximum Instantaneous Forward Voltage (Note 1)
@ 1 A
VF
0.90
25
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=125 ℃
IR
Typical Thermal Resistance
RθjA
RθjL
75
20
OC/W
V
ESH2CA
ESH2DA
100
70
150
105
200
140
A
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
1
50
100
150
200
Maximum DC Blocking Voltage
1
Features
Polarity: Indicated by cathode band
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Operating Temperature Range
Storage Temperature Range
- 55 to + 175
Version:A11
ESH2BA - ESH2DA
1.0AMPS Surface Mount Super Fast Rectifiers
Marking Diagram
SMA/DO-214AC
Dimensions in inches and (millimeters)
Weight: 0.067 grams
Type Number
Maximum Average Forward Rectified Current
ESH2BA
uA
Maximum Reverse Recovery Time (Note 2)
- 55 to + 175
Typical Junction Capacitance (Note 3)
Mechanical Data
High temperature soldering:
260℃/10 seconds at terminals
Packing: 12mm tape per EIA STD RS-481
Terminals: Pure tin plated, lead free
Case: Molded plastic
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - ESH2BA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ESH2BAH TSC-ESH2BAH Datasheet
560Kb / 6P
1A, 100V - 200V Ultra Fast Surface Mount Rectifier
Version: A2102
More results

Similar Description - ESH2BA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SS5A EIC-SS5A Datasheet
41Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SynSemi, Inc.
MURA130 SYNSEMI-MURA130 Datasheet
44Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES2A WEITRON-ES2A Datasheet
45Kb / 2P
Surface Mount Super Fast Rectifiers
logo
EIC discrete Semiconduc...
SS3A EIC-SS3A_05 Datasheet
43Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES3AB WEITRON-ES3AB_11 Datasheet
191Kb / 3P
Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFAS801G TSC-SFAS801G_14 Datasheet
385Kb / 4P
Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES2AA GOOD-ARK-ES2AA_15 Datasheet
407Kb / 2P
super fast surface mount rectifiers
logo
Anova Technologies CO.,...
ES3B ANOVA-ES3B Datasheet
296Kb / 2P
Surface Mount Super Fast Rectifiers
logo
ON Semiconductor
US2AA ONSEMI-US2AA Datasheet
246Kb / 5P
Super Fast Surface Mount Rectifiers
February, 2021 ??Rev. 4
US1AFA ONSEMI-US1AFA Datasheet
204Kb / 5P
Super Fast Surface Mount Rectifiers
January, 2021 ??Rev. 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com