Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2011 Datasheet(PDF) 7 Page - Cree, Inc

Part # CXA2011
Description  Cree® XLamp® CXA2011 LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2011 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXA2011 Datasheet HTML 3Page - Cree, Inc CXA2011 Datasheet HTML 4Page - Cree, Inc CXA2011 Datasheet HTML 5Page - Cree, Inc CXA2011 Datasheet HTML 6Page - Cree, Inc CXA2011 Datasheet HTML 7Page - Cree, Inc CXA2011 Datasheet HTML 8Page - Cree, Inc CXA2011 Datasheet HTML 9Page - Cree, Inc CXA2011 Datasheet HTML 10Page - Cree, Inc CXA2011 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
7
XLAMP CXA2011 LED
TYPICAL SPATIAL DISTRIBUTION
The following graph represents the typical spatial distribution of the XLamp CXA2011 LED.
PERFORMANCE GROUPS - BRIGHTNESS (I
F=270 MA, TJ=85°C)
XLamp CXA2011 LEDs are tested for luminous flux and placed into one of the following bins.
Group Code
Min. Luminous Flux
@ 270 mA, T
j=85°C
Max. Luminous Flux
@ 270 mA, T
j=85°C
E0
590
680
F0
680
780
G0
780
900
H0
900
1040
J0
1040
1200
K0
1200
1380
Far Field
0
20
40
60
80
100
120
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com