Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331IDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331IDBVT
Description  GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV331IDBVT Datasheet(HTML) 2 Page - Texas Instruments

  LMV331IDBVT Datasheet HTML 1Page - Texas Instruments LMV331IDBVT Datasheet HTML 2Page - Texas Instruments LMV331IDBVT Datasheet HTML 3Page - Texas Instruments LMV331IDBVT Datasheet HTML 4Page - Texas Instruments LMV331IDBVT Datasheet HTML 5Page - Texas Instruments LMV331IDBVT Datasheet HTML 6Page - Texas Instruments LMV331IDBVT Datasheet HTML 7Page - Texas Instruments LMV331IDBVT Datasheet HTML 8Page - Texas Instruments LMV331IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
IN–
IN+
OUT
IN+
IN−
OUT
GND
R1R2R3
Q1Q2
Q3Q4Q5
M
Q7
Q6
VCC+
LMV331 SINGLE, LMV393 DUAL
LMV339 QUAD
SLCS136N
– AUGUST 1999 – REVISED APRIL 2011
www.ti.com
ORDERING INFORMATION(1)
TOP-SIDE
TA
PACKAGE(2)
ORDERABLE PART NUMBER
MARKING(3)
Reel of 3000
LMV331IDCKR
SC-70
– DCK
R2_
Reel of 250
LMV331IDCKT
Single
Reel of 3000
LMV331IDBVR
SOT23-5
– DBV
R1I_
Reel of 250
LMV331IDBVT
MSOP/VSSOP
– DGK
Reel of 2500
LMV338IDGKR
R9_
Tube of 75
LMV393ID
SOIC
– D
MV393I
Reel of 2500
LMV393IDR
Dual
–40°C to 85°C
Tube of 90
LMV393IPW
TSSOP
– PW
MV393I
Reel of 2000
LMV393IPWR
VSSOP
– DDU
Reel of 3000
LMV393IDDUR
RABR
Tube of 50
LMV339ID
SOIC
– D
LM339I
Reel of 2500
LMV339IDR
Quad
Tube of 150
LMV339IPW
TSSOP
– PW
MV339I
Reel of 2000
LMV339IPWR
µQFN – RUC
Reel of 3000
LMV339IRUCR
RT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DCK/DGK: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
SYMBOL (EACH COMPARATOR)
LMV324 SIMPLIFIED SCHEMATIC
2
Copyright
© 1999–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com