Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT10X Datasheet(PDF) 6 Page - CUI INC

Part # AMT10X
Description  INCREMENTAL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT10X Datasheet(HTML) 6 Page - CUI INC

  AMT10X Datasheet HTML 1Page - CUI INC AMT10X Datasheet HTML 2Page - CUI INC AMT10X Datasheet HTML 3Page - CUI INC AMT10X Datasheet HTML 4Page - CUI INC AMT10X Datasheet HTML 5Page - CUI INC AMT10X Datasheet HTML 6Page - CUI INC AMT10X Datasheet HTML 7Page - CUI INC AMT10X Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RoHS
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Website: www.cui.com
20.90 0.823
22.00 0.866
R1.05 0.041
.28 0.011
25.40 1.000
19.05 0.750
0.488
12.40
(4 PLCS)
0.079
1.70 0.067
(2 PLCS)
2.95 0.116
(2 PLCS)
20.00 0.787
2.00
16.00 0.630
15.34 0.604
A (3 PLCS)
DETAIL A
SCALE 4 : 1
SPECIFIED
TOLERANCE:
±0.05mm UNLESS OTHERWISE
D
SCALE:
AMT103 DIMENSION DRAWING
COPYRIGHT 2008 BY CUI INC.
TITLE:
MM [INCHES]
AMT103
AMT103-dim-REV-D
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
ZRJ
2:1
REV:
0.488
15.30 0.602
0.269
1.126
28.60
12.39
6.83
R15.50 0.610
9.00 0.354
1.347
34.21
11.50 0.453



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com